Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 14Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 134 page
background image
Modules List
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
11
NOTE
The numbers in brackets indicate the number of module instances. For
example, PWM (2) indicates two separate PWM peripherals.
3
Modules List
The i.MX50 processor contains a variety of digital and analog modules that are described in Table 4 in
alphabetical order.
Table 4. i.MX50 Digital and Analog Modules
Block
Mnemonic
Block Name
Subsystem
Brief Description
ARM
Cortex-A8
ARM Cortex-A8
Platform
ARM
The ARM Cortex-A8 Core Platform consists of the ARM Cortex-A8 processor
and its essential sub-blocks. It contains the 32 Kbyte L1 instruction cache,
32 Kbyte L1 data cache, Level 2 cache controller and a 256 Kbyte L2 cache.
The platform also contains an event monitor and debug modules. It also has
a NEON co-processor with SIMD media processing architecture, register file
with 32
× 64-bit general-purpose registers, an Integer execute pipeline (ALU,
Shift, MAC), dual, single-precision floating point execute pipeline (FADD,
FMUL), load/store and permute pipeline, and a non-pipelined vector floating
point (VFP Lite) co-processor supporting VFPv3.
EPDC
Electrophoretic
Display
Controller
Display
Peripherals
The EPDC is a feature-rich, low power, and high-performance direct-drive
active matrix EPD controller. It is specifically designed to drive E-INKTM EPD
panels supporting a wide variety of TFT backplanes.
ePXP
enhanced PiXel
Processing
Pipeline
Display
Peripherals
A high-performance pixel processor capable of 1 pixel/clock performance for
combined operations such as color-space conversion, alpha blending,
gamma-mapping, and rotation. The ePXP is enhanced with features
specifically for grayscale applications. In addition, the ePXP supports
traditional pixel/frame processing paths for still-image and video processing
applications allowing it to interface with the integrated LCD controller
(eLCDIF).
eLCDIF
enhanced LCD
Interface
Display
Peripherals
The eLCDIF is a high-performance LCD controller interface supporting a rich
set of modes allowing inter operability with a wide variety of LCD panels,
including DOTCK/RGB and smart panels. The module also supports a
synchronous operation with the ePXP to allow the processed frames to be
passed from the ePXP to the eLCDIF through an on-chip SRAM buffer. The
eLCDIF can support up to 32-bit interfaces.
AUDMUX
Digital Audio
Mux
Slave
Connectivity
Peripherals
The AUDMUX is a programmable interconnect for voice, audio, and
synchronous data routing between host serial interfaces (for example, SSI1
and SSI2) and peripheral serial interfaces (audio and voice codecs). The
AUDMUX has six ports (two internal and four external) with identical
functionality and programming models. A desired connectivity is achieved by
configuring two or more AUDMUX ports.
CAMP-1
Clock Amplifier
Clocks,
Resets, and
Power Control
Clock Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com