Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 14Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 15Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 16Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 17Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
14
Freescale Semiconductor
Modules List
GPU2Dv1
Graphics
Processing
Unit-2D, ver. 1
Display
Peripherals
The GPU2Dv1 provides hardware acceleration for 2D graphic algorithms with
sufficient processor power to run desk-top quality interactive graphics
applications on displays up to HD1080 resolution.
I2C-1
I2C-2
I2C-3
I2C Interface
Connectivity
Peripherals
I2C provides serial interface for controlling peripheral devices. Data rates of
up to 400 kbps are supported.
OCOTP
Controller
On-chip OTP
controller
Security
Peripherals
The on-chip one-time -programmable (OCOTP) ROM serves the functions of
hardware and software capability bits, Freescale operations and unique-ID,
the customer-programmable cryptography key, and storage of various ROM
and general purpose configuration bits.
IOMUXC
IOMUX Control Slave
Connectivity
Peripherals
This module enables flexible I/O multiplexing. Each I/O pad has default as
well as several alternate functions. The alternate functions are software
configurable.
KPP
Keypad Port
Slave
Connectivity
Peripherals
The KPP supports an 8
× 8 external keypad matrix. The KPP features are as
follows:
• Open drain design
• Glitch suppression circuit design
• Multiple keys detection
• Standby key press detection
OWIRE
One-Wire
Interface
Slave
Connectivity
Peripherals
One-Wire support provided for interfacing with an on-board EEPROM, and
smart battery interfaces, for example, Dallas DS2502.
PWM-1
PWM-2
Pulse Width
Modulation
Slave
Connectivity
Peripherals
The pulse-width modulator (PWM) has a 16-bit counter and is optimized to
generate sound from stored sample audio images. It can also generate tones.
The PWM uses 16-bit resolution and a 4 x 16 data FIFO to generate sound.
RAM
128 Kbytes
Internal RAM
Internal
Memory
The On-Chip Memory controller (OCRAM) module, is an interface between
the system’s AXI bus, to the internal (on-chip) SRAM memory module. It is
used for controlling the 128 Kbyte multimedia RAM, through a 64-bit AXI bus.
ROM
96 Kbytes
Boot ROM
Internal
Memory
Supports secure and regular Boot Modes.
The ROM Controller supports ROM Patching.
Table 4. i.MX50 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com