Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 87Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 88Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 89Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 90Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 91Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 92Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 93Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 94Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
91
4.9.9.2
SSI Receiver Timing with Internal Clock
Figure 52 depicts the SSI receiver internal clock timing and Table 66 lists the timing parameters for the
receiver timing with internal clock.
Figure 52. SSI Receiver Internal Clock Timing Diagram
Table 66. SSI Receiver Timing with Internal Clock
ID
Parameter
Min
Max
Unit
Internal Clock Operation
SS1
(Tx/Rx) CK clock period
81.4
—
ns
SS2
(Tx/Rx) CK clock high period
36.0
—
ns
SS3
(Tx/Rx) CK clock rise time
—
6.0
ns
SS4
(Tx/Rx) CK clock low period
36.0
—
ns
SS5
(Tx/Rx) CK clock fall time
—
6.0
ns
SS7
(Rx) CK high to FS (bl) high
—
15.0
ns
SS9
(Rx) CK high to FS (bl) low
—
15.0
ns
SS11
(Rx) CK high to FS (wl) high
—
15.0
ns
SS13
(Rx) CK high to FS (wl) low
—
15.0
ns
SS20
SRXD setup time before (Rx) CK low
10.0
—
ns
SS21
SRXD hold time after (Rx) CK low
0.0
—
ns
SS50
SS48
SS1
SS4
SS2
SS51
SS20
SS21
SS49
SS7
SS9
SS11
SS13
SS47
SS3
SS5
TXC
(Output)
TXFS (bl)
(Output)
TXFS (wl)
(Output)
RXD
(Input)
RXC
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com