Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 71Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 72Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 73Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 74Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 75Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 76Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 77Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 78Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
75
4.9.2.3
eCSPI Master Mode Timing
Figure 34 depicts the timing of eCSPI in master mode and Table 51 lists the eCSPI master mode timing
characteristics.
Figure 34. eCSPI Master Mode Timing Diagram
Table 51. eCSPI Master Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
eCSPIx_CLK Cycle Time–Read
eCSPIx_CLK Cycle Time–Write
tclk
60
15
—ns
CS2
eCSPIx_CLK High or Low Time
tSW
6—
ns
CS3
eCSPIx_CLK Rise or Fall
tRISE/FALL
——
ns
CS4
eCSPIx_CS_x pulse width
tCSLH
15
—
ns
CS5
eCSPIx_CS_x Lead Time (CS setup time)
tSCS
5—
ns
CS6
eCSPIx_CS_x Lag Time (CS hold time)
tHCS
5—
ns
CS7
eCSPIx_DO Setup Time
tSmosi
5—
ns
CS8
eCSPIx_DO Hold Time
tHmosi
5—
ns
CS9
eCSPIx_DI Setup Time
tSmiso
5—
ns
CS10
eCSPIx_DI Hold Time
tHmiso
5—
ns
CS11
eCSPIx_DRYN Setup Time
tSDRY
5—
ns
CS1
CS7 CS8
CS2
CS2
CS4
CS6
CS5
CS9 CS10
eCSPIx_CLK
eCSPIx_CS_x
eCSPIx_DO
eCSPIx_DI
eCSPIx_DRYN1
CS11
CS3
CS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com