Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 66Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 67Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 68Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 69Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 70Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 71Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 72Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 73Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
70
Freescale Semiconductor
Electrical Characteristics
NOTE
DDR6 and DDR7 can be adjusted by the parameter -DLL_WR_DELAY-;
The ideal case is that SDCLK is center aligned to the DRAM_A[9:0] data
valid window;
For this table, HW_DRAM_PHY23[14:8] (DLL_WR_DELAY) = 0x10;
4.8.3
DRAM Data Output Timing
The DRAM data output timing is defined for all DDR types: DDR2, LPDDR1, and LPDDR2.
Table 46. DDR Output AC Timing
ID
Description
Symbol
Min
Max
Unit
DDR10
Positive DQS latching edge to associated CK edge
tDQSS
-0.3
0.3
ns
DDR11
DQS falling edge from CK rising edge—hold time
tDSH
0.5 tCK
- 0.3
0.5 tCK
+ 0.3
ns
DDR12
DQS falling edge to CK rising edge—setup time
tDSS
0.5 tCK
- 0.3
0.5 tCK
+ 0.3
ns
DDR13
DQS output high pulse width
tDQSH
0.48 tCK
0.52 tCK
ns
DDR14
DQS output low pulse width
tDQSL
0.48 tCK
0.52 tCK
ns
DDR15
CK >= 200 MHz
DQ & DQM output setup time relative to DQS
tDS
0.5 tCK
- 1.3
—ns
Figure 30. DRAM Data Output Timing
DRAM_SDCLK
DRAM_SDCLK_B
DRAM_SDQS
DDR13
DDR14
d0
DDR10
d1
d2
d3
DRAM_D &
DRAM_DQM
DDR11
DDR12
DDR15
DDR16
DRAM_SDQS_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com