Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 16Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 17Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 18Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 19Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 20Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 21Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 22Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 23Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
20
Freescale Semiconductor
Electrical Characteristics
4
Electrical Characteristics
This section provides the device and module-level electrical characteristics of the i.MX50 processor.
NOTE
These electrical specifications are preliminary. These specifications are not
fully tested or guaranteed at this early stage of the product life cycle.
Finalized specifications are published after thorough characterization and
device qualifications have been completed.
USB_H1_VBUS,
USB_OTG_VBUS
These inputs are used by the i.MX50 to detect the presence and level of USB 5 V. If either
VBUS input pin is connected to an external USB connector, there is a possibility that a fast 5
V edge rate during a cable attach could trigger the VBUS input ESD protection, which could
result in damage to the i.MX50 silicon. To prevent this, the system should use some circuitry
to prevent the 5 V edge rate from exceeding 5.25 V / 1
μs. Freescale recommends the use of
a low pass filter consisting of 100
Ω resistor in series and a 1 μF capacitor close to the i.MX50
pin. In the case when the USB interface is connected on an on-board USB device (for example,
3G modem), the corresponding USB_VBUS pin may be left floating.
VREF
This pin is the DRAM MC reference voltage input. For LPDDR2 and DDR2, this pin should be
connected to ½ of NVCC_EMI_DRAM. For LPDDR1, this pin should be left floating. The user
may generate VREF using a precision external resistor divider. Use a 1 k
Ω 0.5% resistor to
GND and a 1 k
Ω 0.5% resistor to NVCC_EMI_DRAM. Shunt each resistor with a
closely-mounted 0.1 µF capacitor.
WDOG_B
This output can be used to reset the system PMIC when the i.MX50 processor is locked up.
This output is in the NVCC_MISC domain.
WDOG_RST_B_DEB
This output may be used to drive out the internal system reset signal to the system reset
controller. This is only intended for debug purposes.
XTAL/EXTAL
These pins are the 24 MHz crystal driver as well as the external 24 MHz clock input.
If using these pins to directly drive a 24 MHz crystal:
• The user should tie a 24 MHz fundamental-mode crystal across XTAL and EXTAL.
• The crystal must be rated for a maximum drive level of 100
μW or higher.
• The recommended crystal ESR (equivalent series resistance) is 80
Ω or less.
If using these pins as a clock input from an external 24 MHz oscillator:
• The crystal may be eliminated and EXTAL driven directly driven by the external oscillator.
The clock signal level on EXTAL must swing from NVCC_SRTC to GND.
• In this configuration, the XTAL pin must be floated and the COSC_EN bit (bit 12 in the CCR
register in the Clock Control Module) must be cleared to put the on-chip oscillator circuit in
bypass mode which allows EXTAL to be externally driven.
• Note there are strict jitter requirements if using an external oscillator in a USB application:
< 50 ps peak-to-peak below 1.2 MHz and < 100 ps peak-to-peak above 1.2 MHz for the
USB PHY.
Table 5. Special Signal Considerations (continued)
Signal Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com