Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 14Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 15Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 16Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 17Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 18Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 19Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 20Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 21Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
18
Freescale Semiconductor
Modules List
DRAM_OPEN,
DRAM_OPENFB (for 416
MAPBGA and 400 MAPBGA)
These pins are the echo gating output and feedback pins used by the DRAM PHY to bound a
window around the DQS transition. For an application using a single DRAM device, these pins
should be routed so that the
trace length (DRAM_OPEN + DRAM_OPENFB) =
trace length (DRAM_SDCLK0 + DRAM_SDQS0).
For an application using two DRAM devices, they should be routed so that the
trace length (DRAM_OPEN + DRAM_OPENFB) =
trace length (AVG(DRAM_SDCLK0+DRAM_SDCLK1) + AVG (DRAM_SDQS0_to_Device0 +
DRAM_SDQS0_to_Device1)).
This connection is required for LPDDR1, LPDDR2, and DDR2. For the i.MX50 PoP package,
these signals are connected on the substrate.
DRAM_SDODT0 (for 416
MAPBGA and 400 MAPBGA),
DRAM_SDODT1 (for 416
MAPBGA only)
These pins are the On-die termination outputs from the i.MX50.
For DDR2, these pins should be connected to the DDR2 DRAM ODT pins. For LPDDR1 and
LPDDR2, these pins should be left floating. Note that both SDODT pins are removed on the
416 PoPBGA package, and only SDODT0 exists on the 400 MAPBGA package.
DRAM_CALIBRATION
This pin is the ZQ calibration used to calibrate DRAM Ron and ODT.
For LPDDR2, this pin should be connected to ground through a 240
Ω 1% resistor. For DDR2
and LPDDR1, this pin should be connected to ground through a 300
Ω 1% resistor.
JTAG_MOD
This input has an internal 100K pull-up, by default. Note that JTAG_MOD is referenced as
SJC_MOD in the
MCIMX50 Applications Processor Reference Manual (MCIMX50RM) - both
names refer to the same signal. JTAG_MOD must be externally connected to GND for normal
operation. Termination to GND through an external pull-down resistor (such as 1 k
Ω) is
allowed. If JTAG port is not needed, the internal pull-up can be disabled in order to reduce
supply current to the pin.
JTAG_TCK
This input has an internal 100K pull-down. This pin is in the NVCC_JTAG domain.
JTAG_TDI
This input has an internal 47K pull-up to NVCC_JTAG. This pin is in the NVCC_JTAG domain.
JTAG_TDO
This is a 3-state output with an internal gate keeper enable to prevent a floating condition. An
external pull-up or pull-down resistor on JTAG_TDO is detrimental and should be avoided. This
pin is in the NVCC_JTAG domain.
JTAG_TMS
This input has an internal 47K pull-up to NVCC_JTAG. This pin is in the NVCC_JTAG domain.
JTAG_TRSTB
This input has an internal 47K pull-up to NVCC_JTAG. This pin is in the NVCC_JTAG domain.
NC
These signals are No Connect (NC) and should be floated by the user.
LOW_BATT_GPIO
If the LOW_BATT_GPIO (UART4_TXD) is asserted at power up, the i.MX50 will boot up at a
lower ARM clock frequency to reduce system power. The actual ARM clock frequency used
when LOW_BATT_GPIO is asserted is determined by the BT_LPB_FREQ[1:0] pins (220 MHz
to 55.3 MHz). The polarity of the LOW_BATT_GPIO is active high by default, but may be set
to active low by setting the LOW_BATT_GPIO_LEVEL OTP bit.
See the “System Boot” chapter of the Reference Manual for more details.
Note that this is not a dedicated pin: LOW_BATT_GPIO appears on the UART4_TXD pin.
PMIC_STBY_REQ
This output may be driven high when the i.MX50 enters the STOP mode to notify the PMIC to
enter its low power standby state. This output is in the NVCC_SRTC domain.
PMIC_ON_REQ
This output from the i.MX50 can instruct the PMIC to turn on when the i.MX50 only has
NVCC_SRTC power. This may be useful for an alarm application, as it allows the i.MX50 to
turn off all blocks except for the RTC and then power on again at a specified time. This output
is in the NVCC_SRTC domain.
Table 5. Special Signal Considerations (continued)
Signal Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com