Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 14Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 15Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 16Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 17Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 18Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 134 page
background image
Modules List
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
15
SDMA
Smart Direct
Memory
Access
Master
Connectivity
Peripherals
The SDMA is multi-channel flexible DMA engine. It helps in maximizing
system performance by offloading various cores in dynamic data routing.
The SDMA features list is as follows:
• Powered by a 16-bit instruction-set micro-RISC engine
• Multi-channel DMA supports up to 32 time-division multiplexed DMA
channels
• 48 events with total flexibility to trigger any combination of channels
• Memory accesses including linear, FIFO, and 2D addressing
• Shared peripherals between ARM Cortex-A8 and SDMA
• Very fast context-switching with two-level priority-based preemptive
multi-tasking
• DMA units with auto-flush and prefetch capability
• Flexible address management for DMA transfers (increment, decrement,
and no address changes on source and destination address)
• DMA ports can handle uni-directional and bi-directional flows (copy mode)
• Up to 8-word buffer for configurable burst transfers for EMI
• Support of byte-swapping and CRC calculations
• A library of scripts and API is available
SJC
Secure JTAG
Controller
System
Control
Peripherals
The Secure JTAG Controller provides a mechanism for regulating JTAG
access, preventing unauthorized JTAG usage while allowing JTAG access for
manufacturing tests and software debugging.
The i.MX50 JTAG port provides debug access to several hardware blocks
including the ARM processor and the system bus, therefore, it must be
accessible for initial laboratory bring-up, manufacturing tests and
troubleshooting, and for software debugging by authorized entities. However,
if the JTAG port is left unsecured it provides a method for executing
unauthorized program code, getting control over secure applications, and
running code in privileged modes.
The Secure JTAG controller provides three different security modes that can
be selected through an e-fuse configuration to prevent unauthorized JTAG
access.
SPBA
Shared
Peripheral Bus
Arbiter
System
Control
Peripherals
SPBA (Shared Peripheral Bus Arbiter) is a two-to-one IP bus interface (IP
bus) arbiter.
SRTC
Secure Real
Time Clock
Security
Peripherals
The SRTC incorporates a special System State Retention Register (SSRR)
that stores system parameters during system shutdown modes. This register
and all SRTC counters are powered by dedicated supply rail NVCC_SRTC.
The NVCC_SRTC can be energized separately even if all other supply rails
are shut down. This register is helpful for storing warm boot parameters. The
SSRR also stores the system security state. In case of a security violation,
the SSRR marks the event (security violation indication).
Table 4. i.MX50 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com