Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
8
Freescale Semiconductor
Introduction
1.5
Package Feature Comparison
Table 3 provides an overview of the feature and pin differences between the i.MX50 packages.
MCIMX503
EPDC
The i.MX503 has the same ball map and IOMUX as the i.MX508. The EPDC
pins still exist on the i.MX503, but because the EPDC block is disabled,
those pins cannot be used for EPDC functionality (ALT0) and must be
configured in the IOMUX with another ALT-mode setting.
MCIMX502
GPU, EPDC
The i.MX502 has the same ball map and IOMUX as the i.MX508. The EPDC
pins still exist on the i.MX502, but because the EPDC block is disabled,
those pins cannot be used for EPDC functionality (ALT0) and must be
configured in the IOMUX with another ALT-mode setting.
Table 3. Package Feature Comparison
Package
Dimensions
I/O Pin Differences
Versus 416 MAPBGA
Notes on Package Differences
416 MAPBGA 13 x 13 mm,
0.5 mm pitch
—
• USB_OTG_VDDA25 and USB_H1_VDDA25 are shorted
together on the 416 MAPBGA package substrate.
• USB_OTG_VDDA33 and USB_H1_VDDA33 are shorted
together on the 416 MAPBGA package substrate.
Table 2. Part Number Feature Comparison (continued)
Part Number
Disabled
Features
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com