Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 64Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 65Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 66Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 67Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 68Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 69Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 70Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 71Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
68
Freescale Semiconductor
Electrical Characteristics
4.8.1
DRAM Command & Address Output Timing—DDR2 and LPDDR1
The following diagrams and tables specify the timings related to the address and command pins, which
interfaces DDR2 and LPDDR1 memory devices.
Table 44. EMI Command/Address AC Timing
ID
Description
Symbol
Min
Max
Unit
DDR1
CK cycle time
tCK
3.75
—
ns
DDR2
CK high level width
tCH
0.48 tCK
0.52 tCK
ns
DDR3
CK low level width
tCL
0.48 tCK
0.52 tCK
ns
DDR4
Address and control output setup time
tIS
0.5 tCK
- 0.3
—ns
DDR5
Address and control output hold time
tIH
0.5 tCK
- 0.3
—ns
Figure 28. DRAM Command/Address Output Timing—DDR2 and LPDDR1
DRAM_SDCLK
DRAM_SDCLK_B
DRAM_CS0
DRAM_RAS
DRAM_CAS
DRAM_SDWE
bank
row
bank
column
DRAM_ADDR
DDR1
DDR2
DDR3
DDR4
DDR5
DDR4
DDR5
DDR4
DDR5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com