Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 30Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 31Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 32Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 33Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 34Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 35Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 36Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 37Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
34
Freescale Semiconductor
Electrical Characteristics
4.3.5
Low Voltage I/O (LVIO) DC Parameters
The parameters in Table 21 are guaranteed per the operating ranges in Table 11, unless otherwise noted.
1 Vin(dc) specifies the allowable dc excursion of each differential input.
2 Vid(dc) specifies the input differential voltage |Vtr-Vcp| required for switching, where Vtr is the “pure” input level and Vcp is
the “complementary” input level. the minimum value is equal to Vih(dc) - Vil(dc).
3 Typ condition: typ model, 1.8 V, and 25 °C. Max condition: BCS model, 1.9 V, and 105 °C. Min condition: WCS model, 1.7 V,
and -20 °C.
Table 21. LVIO DC Electrical Characteristics
DC Electrical Characteristics
Symbol
Test Conditions
MIN
Typ
MAX
Units
High-level output voltage
Voh
Ioh=-1mA
Ioh=spec’ed Drive
OVDD-0.15
0.8*OVDD
——
V
Low-level output voltage
Vol
Iol=1mA
Iol=specified Drive
—
—
0.15
0.2*OVDD
V
High-level output current
I
Ioh
Voh=0.8*OVDD
Low Drive
Medium Drive
High Drive
Max Drive
-2.1
-4.2
-6.3
-8.4
——
mA
Low-level output current
I
Iol
Vol=0.2*OVDD
Low Drive
Medium Drive
High Drive
Max Drive
2.1
4.2
6.3
8.4
——
mA
High-Level DC input voltage 1
VIH
—
0.7*OVDD
—
OVDD
V
Low-Level DC input voltage
VIL
—
0V
—
0.3*OVDD
V
Input Hysteresis
VHYS
OVDD=1.875
OVDD=2.775
0.35
0.62
1.27
—V
Schmitt trigger VT+ 2
VT+
—
0.5*OVDD
—
—
V
Schmitt trigger VT-
VT-
—
—
—
0.5*OVDD
V
Pull-up resistor (22 K
Ω PU)
Rpu
Vi=OVDD/2
20
24
28
K
Ω
Pull-up resistor (47 K
Ω PU)
Rpu
Vi=OVDD/2
43
51
59
K
Ω
Pull-up resistor (100 K
Ω PU)
Rpu
Vi=OVDD/2
91
108
125
K
Ω
Pull-down resistor (100 K
Ω PD)
Rpd
Vi=OVDD/2
91
108
126
K
Ω
Input current (no pull-up/down)
IIN
VI = 0
VI=OVDD
—1.7
250
120
nA
Input current (22 K
Ω PU)
IIN
VI = 0
VI=OVDD
——
161
0.12
μA
Input current (47 K
Ω PU)
IIN
VI = 0
VI=OVDD
——
76
0.12
μA
Input current (100 K
Ω PU)
IIN
VI = 0
VI=OVDD
——
36
0.12
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com