Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 47Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 48Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 49Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 50Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 51Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 52Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 53Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 54Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
51
Figure 10. Write Data Latch Cycle Timing Diagram
Figure 11. Read Data Latch Cycle Timing Diagram
Table 39. Asynchronous Mode Timing Parameters1
ID
Parameter
Symbol
Timing
T2 = GPMI Clock Cycle3
Example Timing for
GPMI Clock
≈ 100MHz
T = 10ns
Unit
Min.
Max.
Min.
Max.
NF1
CLE setup time
tCLS
(AS+1)*T
—
10
—
ns
NF2
CLE hold time
tCLH
(DH+1)*T
—
20
—
ns
NF3
CEn setup time
tCS
(AS+1)*T
—
10
—
ns
NF4
CE hold time
tCH
(DH+1)*T
—
20
—
ns
CLE
CEn
WE
ALE
IO[7:0]
Data to NF
NF9
NF8
NF1
NF5
NF3
NF6
NF11
NF10
NF7
CLE
CEn
RE
RB
IO[7:0]
Data from NF
NF13
NF15
NF14
NF17
NF12
NF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com