Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCIMX503CVM8B Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
© 2012 Freescale Semiconductor, Inc. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: IMX50CEC
Rev. 2, 05/2012
MCIMX50
Package Information
Plastic Package
Case 416 MAPBGA 13 x 13 mm, 0.5 mm pitch
Case 416 PoPBGA 13 x 13 mm, 0.5 mm pitch
Case 400 MAPBGA 17 x 17 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 7 for ordering information.
Freescale reserves the right to change the detail specifications as may be required to permit improvements
in the design of its products.
1
Introduction
The i.MX50 Applications Processors (i.MX50)
represent Freescale Semiconductor’s latest addition to a
growing family of multimedia-focused products,
offering high performance processing optimized for
lowest power consumption.
The i.MX50 is optimized for portable multimedia
applications and it features Freescale’s advanced
implementation of the ARM Cortex-A8™ core, which
operates at speed as high as 800 MHz. The i.MX50
provides a powerful display architecture, including a 2D
Graphics Processing Unit (GPU) and Pixel Processing
Pipeline (ePXP). In addition, i.MX508 includes a
complete integration of the electrophoretic display
function. The i.MX50 supports DDR2, LPDDR2, and
LPDDR1 DRAM at clock rate up to 266 MHz to enable
a range of performance and power trade-offs.
The flexibility of the i.MX50 architecture allows it to be
used in a variety of applications. As the heart of the
application chipset, the i.MX50 provides a rich set of
interfaces for connecting peripherals, such as WLAN,
Bluetooth™, GPS, and displays.
i.MX50 Applications
Processors for
Consumer Products
1.
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1.
Product Overview . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2.
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.3.
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
1.4.
Part Number Feature Comparison . . . . . . . . . . . . . 7
1.5.
Package Feature Comparison . . . . . . . . . . . . . . . . 8
2.
Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . 10
2.1.
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3.
Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1.
Special Signal Considerations . . . . . . . . . . . . . . . 17
4.
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 20
4.1.
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . 21
4.2.
Supply Power-Up/Power-Down Requirements and
Restrictions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
4.3.
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 30
4.4.
Output Buffer Impedance Characteristics . . . . . . 36
4.5.
I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 40
4.6.
System Modules Timing . . . . . . . . . . . . . . . . . . . . 47
4.7.
External Interface Module (EIM) . . . . . . . . . . . . . . 59
4.8.
DRAM Timing Parameters . . . . . . . . . . . . . . . . . . 67
4.9.
External Peripheral Interfaces . . . . . . . . . . . . . . . 72
5.
Package Information and Contact Assignments . . . . . 100
5.1.
13 x 13 mm, 0.5 mm Pitch, 416 Pin MAPBGA Package
Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100
5.2.
13 x 13 mm, 0.5 mm Pitch, 416 Pin PoPBGA Package
Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
5.3.
17 x 17 mm, 0.8 mm Pitch, 400 Pin MAPBGA Package
Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
5.4.
Signal Assignments . . . . . . . . . . . . . . . . . . . . . . 123
6.
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133


Similar Part No. - MCIMX503CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX503CVM8B NXP-MCIMX503CVM8B Datasheet
2Mb / 136P
i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - MCIMX503CVM8B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
i.MX53xD Applications Processors for Consumer Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
Applications Processors for Consumer Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com