Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 95Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 96Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 97Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 98Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 99Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 100Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 101Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 102Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
99
4.9.11
USB PHY Parameters
This section describes the USB OTG PHY and the USB host port PHY parameters.
4.9.11.1
USB PHY AC Parameters
Table 74 lists the AC timing parameters for USB PHY.
4.9.11.2
USB PHY Additional Electrical Parameters
Table 75 lists the parameters for additional electrical characteristics for USB PHY.
4.9.11.3
USB PHY System Clocking (SYSCLK)
Table 76 lists the USB PHY system clocking parameters
Table 74. USB PHY AC Timing Parameters
Parameter
Conditions
Min
Typ
Max
Unit
trise
1.5Mbps
12Mbps
480Mbps
75
4
0.5
—
300
20
ns
tfall
1.5Mbps
12Mbps
480Mbps
75
4
0.5
—
300
20
ns
Jitter
1.5Mbps
12Mbps
480Mbps
——
10
1
0.2
ns
Table 75. Additional Electrical Characteristics for USB PHY
Parameter
Conditions
Min
Typ
Max
Unit
Vcm DC
(dc level measured at receiver connector)
HS Mode
LS/FS Mode
–0.05
0.8
—0.5
2.5
V
Crossover Voltage
LS Mode
FS Mode
1.3
1.3
—2
2
V
Power supply ripple noise
(analog 3.3 V)
< 160 MHz
–50
0
50
mV
Power supply ripple noise
(analog 2.5 V)
<1.2 MHz
>1.2 MHz
–10
–50
0
0
10
50
mV
Power supply ripple noise
(Digital 1.2 V)
All conditions
–50
0
50
mV
Table 76. USB PHY System Clocking Parameters
Parameter
Conditions
Min
Typ
Max
Unit
Clock deviation
Reference Clock
frequency 24 MHz
–150
—
150
ppm
Rise/fall time
—
—
—
200
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com