Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 79Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 80Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 81Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 82Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 83Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 84Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 85Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 86Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
83
Figure 43 depicts Write 0 Sequence timing, and Table 60 lists the timing parameters.
Figure 43. Write 0 Sequence Timing Diagram
Figure 44 depicts Write 1 Sequence timing, Figure 45 depicts the Read Sequence timing, and Table 61
lists the timing parameters.
Figure 44. Write 1 Sequence Timing Diagram
Table 59. RPP Sequence Delay Comparisons Timing Parameters
ID
Parameters
Symbol
Min
Typ
Max
Unit
OW1
Reset Time Low
tRSTL
480
511
—1
1 In order not to mask signaling by other devices on the 1-Wire bus, t
RSTL +tR should always be less than 960 µs.
µs
OW2
Presence Detect High
tPDH
15
—
60
µs
OW3
Presence Detect Low
tPDL
60
—
240
µs
OW4
Reset Time High
(includes recovery time)
tRSTH
480
512
—
µs
Table 60. WR0 Sequence Timing Parameters
ID
Parameter
Symbol
Min
Typ
Max
Unit
OW5
Write 0 Low Time
tLOW0
60
100
120
µs
OW6
Transmission Time Slot
tSLOT
OW5
117
120
µs
—
Recovery time
tREC
1—
—
µs
OW5
OW6
One-Wire bus
(BATT_LINE)
tREC
OW7
OW8
One-Wire bus
(BATT_LINE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com