Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 76Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 77Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 78Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 79Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 80Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 81Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 82Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 83Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
80
Freescale Semiconductor
Electrical Characteristics
Figure 39. RMII Serial Management Channel Timing Diagram
4.9.4.3
RMII Mode Timing
In RMII mode, FEC_TX_CLK is used as the REF_CLK which is a 50 MHz ± 50 ppm continuous
reference clock. FEC_RX_DV is used as the CRS_DV in RMII, and other signals under RMII mode
include FEC_TX_EN, FEC_TXD[1:0], FEC_RXD[1:0] and optional FEC_RX_ER.
The RMII mode timings are shown in Table 57 and Figure 40.
M14
FEC_MDC pulse width high
40% 60% FEC_MDC period
M15
FEC_MDC pulse width low
40% 60% FEC_MDC period
Table 57. RMII Signal Timing
No.
Characteristics
Min
Max
Unit
M16
REF_CLK(FEC_TX_CLK) pulse width high
35%
65%
REF_CLK period
M17
REF_CLK(FEC_TX_CLK) pulse width low
35%
65%
REF_CLK period
M18
REF_CLK to FEC_TXD[1:0], FEC_TX_EN invalid
2
—
ns
M19
REF_CLK to FEC_TXD[1:0], FEC_TX_EN valid
—
16
ns
M20
FEC_RXD[1:0], CRS_DV(FEC_RX_DV), FEC_RX_ER to
REF_CLK setup
4—
ns
M21
REF_CLK to FEC_RXD[1:0], FEC_RX_DV, FEC_RX_ER hold
2
—
ns
Table 56. RMII Transmit Signal Timing (continued)
ID
Characteristics
Min
Max
Unit
FEC_MDC (output)
FEC_MDIO (output)
M14
M15
M10
M11
M12
M13
FEC_MDIO (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com