Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 112Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 113Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 114Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 115Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 116Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 117Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 118Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 119Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
116
Freescale Semiconductor
Package Information and Contact Assignments
5.3.1
400 MAPBGA 17 x 17 mm Package Views
Figure 65 shows the top view of the 17 x 17 mm package, Figure 66 shows the bottom view of the
package, and Figure 67 shows the side view of the package.
Figure 65. 400 MAPBGA 17x17 mm Package Top view
17
A1 INDEX AREA
17
B
C
0.15
Top View
4x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com