Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 106Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 107Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 108Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 109Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 110Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 111Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 112Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 113Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 136 page
background image
Analog Integrated Circuit Device Data
110
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
7.5.5
Specific Registers
7.5.5.1
IC and Version Identification
The IC and other version details can be read via identification bits. These are hard-wired on chip and described in Tables 128 to
130.
Table 127. Register INTSENSE4 - ADDR 0x13
Name
Bit #
R/W
Default
Description
VGEN1FAULTS
0
R
0
VGEN1 Over-current sense bit
0 = Normal operation
1 = Above current limit
VGEN2FAULTS
1
R
0
VGEN2 Over-current sense bit
0 = Normal operation
1 = Above current limit
VGEN3FAULTS
2
R
0
VGEN3 Over-current sense bit
0 = Normal operation
1 = Above current limit
VGEN4FAULTS
3
R
0
VGEN4 Over-current sense bit
0 = Normal operation
1 = Above current limit
VGEN5FAULTS
4
R
0
VGEN5 Over-current sense bit
0 = Normal operation
1 = Above current limit
VGEN6FAULTS
5
R
0
VGEN6 Over-current sense bit
0 = Normal operation
1 = Above current limit
UNUSED
7:6
–
00
Unused
Table 128. Register DEVICEID - ADDR 0x00
Name
Bit #
R/W
Default
Description
DEVICEID
3:0
R
0x00
Die version.
0000 = PF0100
UNUSED
7:4
–
0
Unused
Table 129. Register SILICON REV- ADDR 0x03
Name
Bit #
R/W
Default
Description
METAL_LAYER_REV
3:0
R
0x00
Represents the metal mask revision
Pass 0.0 = 0000
.
.
Pass 0.15 = 1111
FULL_LAYER_REV
7:4
R
0x01
Represents the full mask revision
Pass 1.0 = 0001
.
.
Pass 15.0 = 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com