Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 108Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 109Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 110Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 111Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 112Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 113Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 114Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 115Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 136 page
background image
Analog Integrated Circuit Device Data
112
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
7.5.6
Register Bitmap
The register map is comprised of thirty-two pages, and its address and data fields are each eight bits wide. Only the first two
pages can be accessed. On each page, registers 0 to 0x7F are referred to as 'functional', and registers 0x80 to 0xFF as
'extended'. On each page, the functional registers are the same, but the extended registers are different. To access registers on
Extended Page 1, one must first write 0x01 to the page register at address 0x7F, and to access registers Extended Page 2, one
must first write 0x02 to the page register at address 0x7F. To access the Functional Page from one of the extended pages, no
write to the page register is necessary.
Registers that are missing in the sequence are reserved; reading from them will return a value 0x00, and writing to them will have
no effect.
The contents of all registers are given in the tables defined in this chapter; each table is structure as follows:
Name: Name of the bit.
Bit #: The bit location in the register (7-0)
R/W: Read / Write access and control
• R is read-only access
• R/W is read and write access
• RW1C is read and write access with write 1 to clear
Reset: Reset signals are color coded based on the following legend.
Default: The value after reset, as noted in the Default column of the memory map.
• Fixed defaults are explicitly declared as 0 or 1.
• “X” corresponds to Read / Write bits that are initialized at start-up, based on the OTP fuse settings or default if
VDDOTP = 1.5 V. Bits are subsequently I2C modifiable, when their reset has been released. “X” may also refer to bits that
may have other dependencies. For example, some bits may depend on the version of the IC, or a value from an analog
block, for instance the sense bits for the interrupts.
7.5.6.1
Register map
Bits reset by SC and VCOREDIG_PORB
Bits reset by PWRON or loaded default or OTP configuration
Bits reset by DIGRESETB
Bits reset by PORB or RESETBMCU
Bits reset by VCOREDIG_PORB
Bits reset by POR or OFFB
Table 135. Functional Page
BITS[7:0]
Add
Register
Name
R/W
Default
7
6
5
4
3
2
1
0
00
DeviceID
R
8'b0001_0000
–
–
–
–
DEVICE ID [3:0]
00
0
1
0
0
0
0
03
SILICONREVID
R
8'b0001_0000
FULL_LAYER_REV[3:0]
METAL_LAYER_REV[3:0]
00
0
1
0
0
0
0
04
FABID
R
8'b0000_0000
–
–
–
–
FAB[1:0]
FIN[1:0]
00
0
0
0
0
0
0
05
INTSTAT0
RW1C 8'b0000_0000
––
THERM130I
THERM125I
THERM120I
THERM110I
LOWVINI
PWRONI
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com