Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 107Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 108Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 109Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 110Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 111Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 112Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 113Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 114Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
111
PF0100
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
7.5.5.2
Embedded Memory
There are four register banks of general purpose embedded memory to store critical data. The data written to MEMA[7:0],
MEMB[7:0], MEMC[7:0], and MEMD[7:0] is maintained by the coin cell when the main battery is deeply discharged, removed, or
contact-bounced. The contents of the embedded memory are reset by COINPORB. The banks can be used for any system need
for bit retention with coin cell backup.
Table 130. Register FABID - ADDR 0x04
Name
Bit #
R/W
Default
Description
FIN
1:0
R
0x00
Allows for characterizing different options within
the same reticule
Pass 1.0 = 00
FAB
3:2
R
0x00
Represents the wafer manufacturing facility
Pass 1.0 = 00
Unused
7:0
R
0x00
Unused
Table 131. Register MEMA ADDR 0x1C
Name
Bit #
R/W
Default
Description
MEMA
7:0
R/W
0
Memory bank A
Table 132. Register MEMB ADDR 0x1D
Name
Bit #
R/W
Default
Description
MEMB
7:0
R/W
0
Memory bank B
Table 133. Register MEMC ADDR 0x1E
Name
Bit #
R/W
Default
Description
MEMC
7:0
R/W
0
Memory bank C
Table 134. Register MEMD ADDR 0x1F
Name
Bit #
R/W
Default
Description
MEMD
7:0
R/W
0
Memory bank D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com