Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 121Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 122Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 123Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 124Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 125Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 126Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 127Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 128Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
125
PF0100
Typical Applications
Introduction
22
μF
4
10 V X5R 0805
LMK212BJ226MG-T
Taiyo Yuden
Output capacitance
4.7
μF
1
10 V X5R 0603
LMK107BJ475KA-T
Taiyo Yuden
Input capacitance
0.1
μF
1
10 V X5R 0402
C0402C104K8PAC
Kemet
Input capacitance
BUCK, SW4 - (0.400-3.300V), 1A
1.0
μH1
2.5 x 2 x 1
ISAT = 1.8 A for 30% drop,
DCRMAX = 84 mΩ
VLS252010ET-1R0N
TDK
Output Inductor
1.0
μH-
2.2 x 2.1 x 1
ISAT = 1.2 A for 10% drop,
DCRMAX = 89 mΩ
XPL2010_102ML
Coilcraft
Output Inductor
Optional
22
μF
2
10 V X5R 0805
LMK212BJ226MG-T
Taiyo Yuden
Output capacitance
4.7
μF
1
10 V X5R 0603
LMK107BJ475KA-T
Taiyo Yuden
Input capacitance
0.1
μF
1
10 V X5R 0402
C0402C104K8PAC
Kemet
Input capacitance
BOOST, SWBST - 5.0 V, 600 MA
2.2
μH–
3 x 3 x 1.5
ISAT = 2.0 A for 10% drop,
DCRMAX = 110 mΩ
LPS3015-222ML
Coilcraft
Output Inductor
22
μF
2
10 V X5R 0805
LMK212BJ226MG-T
Taiyo Yuden
Output capacitance
10
μF
1
10 V X5R 0805
C2012X5R1A106MT
TDK
Input capacitance
2.2
μF
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Input capacitance
0.1
μF
1
10 V X5R 0402
C0402C104K8PAC
Kemet
Input capacitance
1.0 A
1
20 V SOD-123FL
MBR120VLSFT1G
ON Semiconductor
Schottky Diode
LDO, VGEN1 - (0.80-1.55), 100 MA
2.2
μF
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Input capacitance
LDO, VGEN2 - (0.80-1.55), 250 MA
4.7
μF
1
6.3 V X5R 0402
C0402X5R6R3-475MNP
Venkel
Output capacitance
LDO, VGEN3 - (1.80-3.30), 100 MA
2.2
μF
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Input capacitance
LDO, VGEN4 - (1.80-3.30), 350 MA
4.7
μF
1
6.3 V X5R 0402
C0402X5R6R3-475MNP
Venkel
Output capacitance
LDO, VGEN5 - (1.80-3.30), 150 MA
2.2
μF
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Input capacitance
LDO, VGEN6 - (1.80-3.30), 200 MA
2.2
μF
1
6.3 V X5R 0402
C0402C225M9PACTU
Kemet
Output capacitance
LDO/SWITCH VSNVS - (1.1-3.3), 200 MA
0.47
μF
1
6.3 V X5R 0402
C1005X5R0J474K
TDK
Output capacitance
Table 138. Bill of Material (68)
Value
Qty
Description
Part#
Manufacturer
Component/Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com