Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 122Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 123Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 124Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 125Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 126Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 127Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 128Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 129Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 136 page
background image
Analog Integrated Circuit Device Data
126
Freescale Semiconductor
PF0100
Typical Applications
PF0100 Layout Guidelines
8.2
PF0100 Layout Guidelines
8.2.1
General Board Recommendations
1. It is recommended to use an eight layer board stack-up arranged as follows:
• High current signal
•GND
•Signal
• Power
• Power
•Signal
•GND
• High current signal
2. Allocate TOP and BOTTOM PCB Layers for POWER ROUTING (high current signals), copper-pour the unused area.
3. Use internal layers sandwiched between two GND planes for the SIGNAL routing.
8.2.2
Component Placement
It is desirable to keep all component related to the power stage as close to the PMIC as possible, specially decoupling input and
output capacitors.
REFERENCE, VREFDDR - (0.20-1.65V), 10 MA
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
Output capacitance
0.1
μF
2
10 V X5R 0402
C0402C104K8PAC
Kemet
VHALF,
VINREFDDR
INTERNAL REFERENCES, VCOREDIG, VCOREREF, VCORE
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
VCOREDIG
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
VCORE
0.22
μF
1
10 V X5R 0402
GRM155R61A224KE19D
Murata
VCOREREF
COIN CELL
0.1
μF
1
10 V X5R 0402
C0402C104K8PAC
Kemet
LICELL
MISCELLANEOUS
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
VIN
100 k
Ω
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
PWRON
100 k
Ω
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
RESETBMCU
100 k
Ω
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
SDWN
100 k
Ω
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
INTB
Notes
68.
Freescale does not assume liability, endorse, or warrant components from external manufacturers that are referenced in circuit drawings
or tables. While Freescale offers component recommendations in this configuration, it is the customer’s responsibility to validate their
application.
Table 138. Bill of Material (68)
Value
Qty
Description
Part#
Manufacturer
Component/Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com