Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 123Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 124Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 125Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 126Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 127Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 128Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 129Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 130Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
127
PF0100
Typical Applications
PF0100 Layout Guidelines
8.2.3
General Routing Requirements
1. Some recommended things to keep in mind for manufacturability:
•
Via in pads require a 4.5 mil minimum annular ring. Pad must be 9.0 mils larger than the hole
•
Maximum copper thickness for lines less than 5.0 mils wide is 0.6 oz copper
•
Minimum allowed spacing between line and hole pad is 3.5 mils
•
Minimum allowed spacing between line and line is 3.0 mils
2. Care must be taken with SWxFB pins traces. These signals are susceptible to noise and must be routed far away from
power, clock, or high power signals, like the ones on the SWxIN, SWx, SWxLX, SWBSTIN, SWBST, and SWBSTLX pins.
They could be also shielded.
3. Shield feedback traces of the regulators and keep them as short as possible (trace them on the bottom so the ground and
power planes shield these traces).
4. Avoid coupling traces between important signal/low noise supplies (like REFCORE, VCORE, VCOREDIG) from any
switching node (i.e. SW1ALX, SW2LX, SW3LX, SW4ALX, SW4BLX, and SWBSTLX).
5. Make sure that all components related to a specific block are referenced to the corresponding ground.
8.2.4
Parallel Routing Requirements
1. I2C signal routing
•
CLK is the fastest signal of the system, so it must be given special care.
•
To avoid contamination of these delicate signals by nearby high power or high frequency signals, it is a good
practice to shield them with ground planes placed on adjacent layers. Make sure the ground plane is uniform
throughout the whole signal trace length.
Figure 29. Recommended Shielding for Critical Signals.
•
These signals can be placed on an outer layer of the board to reduce their capacitance with respect to the ground
plane.
•
Care must be taken with these signals not to contaminate analog signals, as they are high frequency signals.
Another good practice is to trace them perpendicularly on different layers, so there is a minimum area of proximity
between signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com