Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 7 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 7 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 3Page - Intel Corporation E10GSFPLR Datasheet HTML 4Page - Intel Corporation E10GSFPLR Datasheet HTML 5Page - Intel Corporation E10GSFPLR Datasheet HTML 6Page - Intel Corporation E10GSFPLR Datasheet HTML 7Page - Intel Corporation E10GSFPLR Datasheet HTML 8Page - Intel Corporation E10GSFPLR Datasheet HTML 9Page - Intel Corporation E10GSFPLR Datasheet HTML 10Page - Intel Corporation E10GSFPLR Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
Dual-Node 1U System
Intel® Server System SR1670HV
A 1U system
designed for dense
compute or HPC
applications and a
PCI Express* 2.0
x16 slot.
High-Performance Dual-Node Solutions
with I/O Expansion
Intel® Server System SR1680MV
A 1U system that is ideal for dense
compute environments. Contains two
pluggable high-performance dual-socket
nodes with two slots for networking
expansion. Each server node is
cold-pluggable for ease of system
repair and increased up-times.
Key features include:
• Support for two Intel® Xeon® 5600 series
processors on each node
• Support for 18 DDR3 ECC UDIMMS or RIMMs on each node
• One PCIe x8 (gen 2) riser slot on each node
• Support for I/O Expansion Modules (10 GbE, Infiniband*, Quad GbE)
on each node
• Two hot-swap 2.5” SATA drives for each node (4 total in the system)
• 1100w high-efficiency power supply
System: SR1680MVRNA (includes power supply, two server nodes,
hot-swap drive carriers)
I/o expansion module (choose 1): Dual CX4-port 10GbE (AXX10GBIOMOD),
Single port QDR (CX4) Infiniband* (AXXIBQDRIOMV), Quad-port GbE
(AXX4GBIOMOD2)
Key features include:
• Support for two Intel® Xeon® 5600 series processors on each node
• Support for 12 DDR3 ECC UDIMMS or RDIMMs on each node
• One PCIe x16 (gen 2) riser slot on each node
• Four hot-swap 2.5” SATA drives for each node (8 total in the system)
• Two 770W high-efficiency power supplies, (one for each node)
System: SR1670HVRNA (includes two power supplies, two server nodes,
hot-swap drive carriers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com