Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 11 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 11 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 7Page - Intel Corporation E10GSFPLR Datasheet HTML 8Page - Intel Corporation E10GSFPLR Datasheet HTML 9Page - Intel Corporation E10GSFPLR Datasheet HTML 10Page - Intel Corporation E10GSFPLR Datasheet HTML 11Page - Intel Corporation E10GSFPLR Datasheet HTML 12Page - Intel Corporation E10GSFPLR Datasheet HTML 13Page - Intel Corporation E10GSFPLR Datasheet HTML 14Page - Intel Corporation E10GSFPLR Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
High-Performance, Dual-Socket
Workstation for Demanding Applications
Intel® Workstation Board S5520SC and
Intel® Server Chassis SC5650WS
When maximum compute performance,
support for high-end graphics and audio
are required, Intel® Workstation Board
S5520SC is the right solution. Ideal
for CAD/CAM, scientific, digital content
creation, and industrial applications
where performance leads to increased
productivity.
Key features include:
• Support for two Intel® Xeon® 5600
series processors
• Two PCIe x16 (gen 2) slots for high-performance graphics
• Mezzanine module upgrades for SAS or SAS RAID
• Upgradeable to six 3.5” hot-swap SAS/SATA drives
• Integrated 7.1 High-Definition audio, IEEE 1394a and USB ports
• New and quieter 1000W power supply to
support dual graphics cards
Board: S5520SCR
Chassis: SC5650WSNA
Storage Upgrades: Six hot-swap SAS/SATA drive bays (AXX6DRV3GEXP
and APP3HSDBKIT) and Intel® RAID Controller AXXROMBSASMR for hardware
RAID 0/1/5/6/10/50/60. Optional Intel RAID Smart Battery AXXRSBBU3
Remote Management Card: IPMI 2.0 is integrated. Remote management
requires Intel® Remote Management Module 3 (AXXRMM3)
Entry, Single-Socket
Workstation Board
Intel® Workstation Board
WX58BP
Intel® Workstation Board WX58BP is
an affordable, entry level workstation
board for video editing, multi-display
and financial applications.
Key features include:
• Support for one Intel® Xeon® processor W3500 series with
Error Checking & Correction (ECC) memory
• Dual PCIe x16 (gen 2) slots with support for ATI*
CrossFireX* Technology
• Standard ATX form factor for broad chassis compatibility
• Integrated Dolby* home theater with High-Definition audio
• Gigabit Ethernet Controller
Board: WX58BP
11
New power supply
for quiet operation.
NEW
Order the board integrated
in the chassis together using
SC5650SCWSRNA
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com