Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 33 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 33 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 29Page - Intel Corporation E10GSFPLR Datasheet HTML 30Page - Intel Corporation E10GSFPLR Datasheet HTML 31Page - Intel Corporation E10GSFPLR Datasheet HTML 32Page - Intel Corporation E10GSFPLR Datasheet HTML 33Page - Intel Corporation E10GSFPLR Datasheet HTML 34Page - Intel Corporation E10GSFPLR Datasheet HTML 35Page - Intel Corporation E10GSFPLR Datasheet HTML 36Page - Intel Corporation E10GSFPLR Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
33
Intel® RaID Controller
RS2mB044
Mainstream 6G SAS RAID controller with four internal
and four external ports for SAS / SATA drives
RS2mB044
aXXRSBBu7 (Optional Intel® RAID Smart Battery)
lSI* SaS2108
512 MB embedded DDR2 ECC memory
PCI Express* 2.0 x8
4 internal and 4 external SAS / SATA ports supporting
point-to-point 6.0 Gb/s and 3.0 Gb/s data-transfer rates
Low-profile, 6.6” length (MD2 compliant)
0, 1, 5, 6, 10, 50, and 60
Yes (optional – purchased separately)
Now
Intel® RaID Controller
RS2Bl080
Mainstream 6G SAS RAID controller with eight internal
ports for SAS / SATA drives
RS2Bl080 (Standard)
RS2Bl080De (Disk Encryption) aXXRSBBu7
(Optional Intel® RAID Smart Battery)
lSI* SaS2108
512 MB embedded DDR2 ECC memory
PCI Express* 2.0 x8
8 internal SAS / SATA ports supporting point-to-point
6.0 Gb/s and 3.0 Gb/s data-transfer rates
Low-profile, 6.6” length (MD2 compliant)
0, 1, 5, 6, 10, 50, and 60
Yes (optional – purchased separately)
Now
Intel® RaID Controller
RS2PI008
Mainstream 6G SAS RAID controller with eight external
ports for JBODs with SAS / SATA drives
RS2PI008 (Standard)
RS2PI008De (Disk Encryption)
aXXRSBBu7 (Optional Intel® RAID Smart Battery)
lSI* SaS2108
512 MB embedded DDR2 ECC memory
PCI Express* 2.0 x8
8 external SAS / SATA ports supporting point-to-point
6.0 Gb/s and 3.0 Gb/s data-transfer rates
Low-profile, 6.6” length (MD2 compliant)
0, 1, 5, 6, 10, 50, and 60
Yes (optional – purchased separately)
Now
Controller
Order Code
Processor / RaID On Chip
memory
PCI Bus
Channels
form factor
RaID levels
Battery Backup
availability
INtEL® RAID
Intel offers three categories of RaID products to protect data, increase performance, and enhance server availability:
•good: Intel® embedded Server RaID Technology with RaID 0, 1, and 10 is included with most Intel® Server Boards and Systems. RaID 5 is available
with optional accessory aXXRakSW5.
•Better: Intel® RaID Controllers are add-in cards designed to enable a wide variety of RaID solutions.
•Best: Intel® Integrated Server RaID signifies unique system boards that are designed to add value above that of a standard RaID add-in card
to Intel Server Boards and Systems.
Intel also offers Battery Backup units (BBu) and Premium feature keys for many RaID products. Products with BBu options are identified
by a “yes” in the “Battery Backup” row in the product tables. The Premium feature keys are described in the last table of this section.
Learn more at: www.intel.com/go/raid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com