Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 30 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 30 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 26Page - Intel Corporation E10GSFPLR Datasheet HTML 27Page - Intel Corporation E10GSFPLR Datasheet HTML 28Page - Intel Corporation E10GSFPLR Datasheet HTML 29Page - Intel Corporation E10GSFPLR Datasheet HTML 30Page - Intel Corporation E10GSFPLR Datasheet HTML 31Page - Intel Corporation E10GSFPLR Datasheet HTML 32Page - Intel Corporation E10GSFPLR Datasheet HTML 33Page - Intel Corporation E10GSFPLR Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
30
Learn more at: www.intel.com/products/server/chassis
Base
SC5600BaSe
Maintenance kit: FRIGTPMKIT
Pedestal, convertible to 5U Rack
Intel® Server Boards S5520HC and S5500HCv
Intel® Workstation Board S5520SC
Support for up to ten 3.5" fixed or hot-swap SAS/SATA drives
Up to ten hot-swap drive bays are possible with the
combination of the following drive bay upgrade kits:
6-drive SAS/SATA—AXX6DRV3GR
6-drive SAS/SATA Expander—AXX6DRV3GEXP
4-drive SAS/SATA—AXX4DRV3GR
4-drive SAS/SATA Expander—AXX4DRV3GEXP
3 x fixed, non-redundant chassis fans (2 x 120mm, 1 x 92mm)
Non-redundant 670 W PFC power supply with integrated
cooling fan
Installation and removal of fans, fixed and hot-swap hard
drives, fixed and hot-swap drive bays, PCI cards, hot-swap
PSU modules, fixed PSU, floppy drives, and CD / DVD ROM
drives
Rack: 8.6" x 16.6" x 27.4" (218mm x 422mm x 696mm)
Pedestal: 17" x 8.6" x 28.4" (432mm x 218mm x 721mm)
Black, security lock, control panel controls and indicators,
three tool-less 5.25" peripheral drive bays, internal hard
drive bay cage (behind door), security lock, USB ports
2 x USB
1 x Optional front or rear mounted serial port
BRP
SC5600BRP
Maintenance kit: FRIGTPMKIT
Pedestal, convertible to 5U Rack
Intel® Server Boards S5520HC and S5500HCv
Support for up to ten 3.5" fixed or hot-swap SAS/SATA drives
Up to ten hot-swap drive bays are possible with the
combination of the following drive bay upgrade kits:
6-drive SAS/SATA—AXX6DRV3GR
6-drive SAS/SATA Expander—AXX6DRV3GEXP
4-drive SAS/SATA—AXX4DRV3GR
4-drive SAS/SATA Expander—AXX4DRV3GEXP
3 x fixed, non-redundant chassis fans (2 x 120mm, 1 x 92mm)
Redundant 1+1 high-efficiency 750 W PFC power supply
with integrated cooling fan
Installation and removal of fans, fixed and hot-swap hard
drives, fixed and hot-swap drive bays, PCI cards, hot-swap
PSU modules, fixed PSU, floppy drives, and CD / DVD ROM
drives
Rack: 8.6" x 16.6" x 27.4" (218mm x 422mm x 696mm)
Pedestal: 17" x 8.6" x 28.4" (432mm x 218mm x 721mm)
Black, security lock, control panel controls and indicators,
three tool-less 5.25" peripheral drive bays, internal hard
drive bay cage (behind door), security lock, USB ports
2 x USB
1 x Optional front or rear mounted serial port
LX
SC5600lX
Maintenance kit: FRIGTPMKIT
Pedestal, convertible to 5U Rack
Intel® Server Boards S5520HC and S5500HCv
Support for up to ten 3.5" fixed or hot-swap SAS/SATA drives
Up to ten hot-swap drive bays are possible with the
combination of the following drive bay upgrade kits:
6-drive SAS/SATA—AXX6DRV3GR
6-drive SAS/SATA Expander—AXX6DRV3GEXP
4-drive SAS/SATA—AXX4DRV3GR
4-drive SAS/SATA Expander—AXX4DRV3GEXP
4 x tool-less, hot-swappable and redundant chassis fans
with handle-mounted diagnostic failure LEDs (2 x 120mm,
2 x 92mm)
Redundant 1+1 high-efficiency 750 W PFC power supply
with integrated cooling fan
Installation and removal of fans, fixed and hot-swap hard
drives, fixed and hot-swap drive bays, PCI cards, hot-swap
PSU modules, fixed PSU, floppy drives, and CD / DVD ROM
drives
Rack: 8.6" x 16.6" x 27.4" (218mm x 422mm x 696mm)
Pedestal: 17" x 8.6" x 28.4" (432mm x 218mm x 721mm)
Black, security lock, control panel controls and indicators,
three tool-less 5.25" peripheral drive bays, internal hard
drive bay cage (behind door), security lock, USB ports
2 x USB
1 x Optional front or rear mounted serial port
Chassis
Configuration
Chassis Order Code1
Spares kit Order Code
form factor
Intel® Server Board
Support2
Drive Bays
Hot-Swap Disk Drive
Bay: Order Code
System Cooling
Power Supply
Tool-less features
Dimensions (H x W x D)
Bezel features
front Connectors
INtEL® SERVER CHASSIS
Intel® Server Chassis SC5600
An enterprise-level chassis designed with world-class performance and maximum expandability for small and medium business applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com