Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 16 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 16 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 12Page - Intel Corporation E10GSFPLR Datasheet HTML 13Page - Intel Corporation E10GSFPLR Datasheet HTML 14Page - Intel Corporation E10GSFPLR Datasheet HTML 15Page - Intel Corporation E10GSFPLR Datasheet HTML 16Page - Intel Corporation E10GSFPLR Datasheet HTML 17Page - Intel Corporation E10GSFPLR Datasheet HTML 18Page - Intel Corporation E10GSFPLR Datasheet HTML 19Page - Intel Corporation E10GSFPLR Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
16
INtEL® XEON® 3400, 3500 AND 3600 SERIES PROCESSORS
NEW
LONG
LIFE
Learn more at: www.intel.com/go/serverprocessors
MAX.
no. oF
InTEL®
InTEL®
CLoCK
InTEL® QPI1
SHARED
MEMoRY
CoRES /
HYPER-THREADInG
TURBo BooST
PRoCESSoR nAME
PRoDUCT CoDE
SPEED
SPEED
L3 CACHE
SPEED
THREADS
TECHnoLoGY2
TECHnoLoGY3
PoWER
UPC CoDE
Intel® Xeon®
BX80601W3580
3.33 GHz 6.40 GT/s
8 MB
1333 MHz
4 / 8
•
•
130 W
7 35858 21004 1
processor W3580
Intel Xeon
BX80601W3570
3.20 GHz 6.40 GT/s
8 MB
1333 MHz
4 / 8
•
•
130 W
7 35858 20633 4
processor W3570
Intel Xeon
BX80601W3550
3.06 GHz 4.80 GT/s
8 MB
1066 MHz
4 / 8
•
•
130 W
7 35858 21005 8
processor W3550
Intel Xeon
BX80601W3540
2.93 GHz 4.80 GT/s
8 MB
1066 MHz
4 / 8
•
•
130 W
7 35858 20634 1
processor W3540
Intel Xeon
BX80601W3530
2.80Ghz
4.80 GT/s
8 MB
1066 MHz
4 / 8
•
•
130 W
7 35858 21384 4
processor W3530
Intel Xeon
BX80601W3520
2.66 GHz 4.80 GT/s
8 MB
1066 MHz
4 / 8
•
•
130 W
7 35858 20635 8
processor W3520
InTEL® XEon® PRoCESSoR W3500 SERIES FoR WoRKSTATIon SYSTEMS FEATURInG onE LGA1366 SoCKET (thermal solution included)
NEW
LONG
LIFE
InTEL® XEon® PRoCESSoR W3600 SERIES FoR WoRKSTATIon SYSTEMS FEATURInG onE LGA1366 SoCKET (thermal solution sold separately)
MAX.
no. oF
InTEL®
InTEL®
CLoCK
InTEL® QPI1
SHARED
MEMoRY
CoRES /
HYPER-THREADInG
TURBo BooST
PRoCESSoR nAME
PRoDUCT CoDE
SPEED
SPEED
L3 CACHE
SPEED
THREADS
TECHnoLoGY2
TECHnoLoGY3
PoWER
UPC CoDE
Intel® Xeon®
BX80613W3680
3.33 GHz 6.40 GT/s
12 MB
1333 MHz
6 / 12
•
•
130 W
7 35858 21408 7
processor W3680
NEW
LONG
LIFE
MAX.
no. oF
InTEL®
InTEL®
CLoCK
SHARED
MEMoRY
CoRES /
HYPER-THREADInG
TURBo BooST
PRoCESSoR nAME
PRoDUCT CoDE
SPEED
L3 CACHE
SPEED
THREADS
TECHnoLoGY2
TECHnoLoGY3
PoWER
UPC CoDE
Intel® Xeon® processor X3470
BX80605X3470
2.93 GHz 8 MB
1333 MHz
4 / 8
•
•
95 W
7 35858 21029 4
Intel Xeon processor X3460
BX80605X3460
2.80 GHz 8 MB
1333 MHz
4 / 8
•
•
95 W
7 35858 21030 0
Intel Xeon processor X3450
BX80605X3450
2.66 GHz 8 MB
1333 MHz
4 / 8
•
•
95 W
7 35858 21031 7
Intel Xeon processor X3440
BX80605X3440
2.53 GHz 8 MB
1333 MHz
4 / 8
•
•
95 W
7 35858 21032 4
Intel Xeon processor X3430
BX80605X3430
2.40 GHz 8 MB
1333 MHz
4 / 4
•
95 W
7 35858 21033 1
Intel Xeon processor L3426
BX80605L3426
1.86 GHz 8 MB
1333 MHz
4 / 8
•
•
45 W
7 35858 21201 4
Intel Xeon processor L3406
BX80605L3406
2.26 GHz 4 MB
1333 MHz
2 / 4
•
•
30 W
7 35858 21347 9
InTEL® XEon® PRoCESSoR 3400 SERIES FoR SERVER / WoRKSTATIon SYSTEMS FEATURInG onE LGA1156 SoCKET (thermal solution included)
3
3
3
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com