Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 29 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 29 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 25Page - Intel Corporation E10GSFPLR Datasheet HTML 26Page - Intel Corporation E10GSFPLR Datasheet HTML 27Page - Intel Corporation E10GSFPLR Datasheet HTML 28Page - Intel Corporation E10GSFPLR Datasheet HTML 29Page - Intel Corporation E10GSFPLR Datasheet HTML 30Page - Intel Corporation E10GSFPLR Datasheet HTML 31Page - Intel Corporation E10GSFPLR Datasheet HTML 32Page - Intel Corporation E10GSFPLR Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
29
Intel® Server System SR1600uR
Rack-optimized, highly integrated server systems for high-density, cost-sensitive applications
SR1600uRR
SR1600uRHSR
• Intel® Server Board S5520UR
• Intel® Server Chassis with specific configuration below:
SR1600URR: Fan board in place of backplane, PCI Express* 2.0 riser with one full-height and full-length
x16 slot, three cold-swap hard drive carriers
SR1600URHSR: No backplane (must be ordered separately) PCI Express 2.0 riser with one full-height
and full-length x16 slot, three hard drive carriers
1 to 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5520 Chipset with ICH10R
1 + Intel® I/O Expansion Module
1 x PCI Express 2.0 x16 via riser
1 x PCI Express 2.0 x8 via Intel® I/O Expansion Module
1 x PCI Express x4 cable-less connection to optional SAS backplane
12 x DDR3 memory DIMMs through 6 memory channels
SR1600URR: Fan board only, HDDs are cabled
SR1600URHSR: Active SAS / SATA or Passive SATA hot-swap backplane (must be ordered separately)
Embedded Intel® Dual-Gigabit Controller 82575EB with Intel® Virtualization Technology7
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
IPMI 2.0 onboard with optional Intel® Remote Management Module (AXXRMM3)
Integrated: Intel® Embedded Server RAID Technology with host-based software RAID levels 0, 1, and 10
Optional software RAID 5 with activation key
Optional SAS: Intel® Integrated Server RAID system boards with software RAID 0, 1, and optional software
RAID 5 with activation key
1U rack
3 x 3.5” drive bays
2 x passive thermal solutions included
5 x non-redundant dual-rotor fans
600 W high-efficiency power supply, 80 PLUS* Bronze-level efficiency
1.7” x 16.93” x 27.25” (43mm x 430mm x 692mm)
Intel® Server System SR1625uR
Highly integrated rack server system with reach storage subsystem for high-density applications
SR1625uRR
SR1625uRSaSR
• Intel® Server Board S5520UR
• Intel® Server Chassis with one power supply and specific configuration below:
SR1625URR: Passive midplane, PCI Express* riser with one full-height and full-length x16 slot,
six hard drive carriers
SR1625URSASR: Active midplane. PCI Express riser with one full-height and full-length x16 slot,
six hard drive carriers
1 to 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5520 Chipset with ICH10R
1 + Intel® I/O Expansion Module
1 x PCI Express 2.0 x16 via riser
1 x PCI Express 2.0 x8 via Intel® I/O Expansion Module
1 x PCI Express 1.0 x4 via bridge board connector to hardware SAS RAID controller on Midplane2
12 x DDR3 memory DIMMs through 6 memory channels
Hot-swap SAS / SATA backplane
Embedded Intel® Dual-Gigabit Controller 82575EB with Intel® Virtualization Technology7
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
IPMI 2.0 onboard with optional Intel® Remote Management Module (AXXRMM3)
Integrated: Intel® Embedded Server RAID Technology with host-based software RAID levels 0, 1, and 10
Optional software RAID 5 with activation key
Optional SAS: Intel® Integrated Server RAID system boards with RAID 0, 1, 1E, 5, and 6 plus spans
(10, 50, and 60) offer value above a traditional add-in card
1U rack
8 x 2.5” drive bays
2 x passive thermal solutions included
5 x non-redundant dual-rotor fans
Up to two 650 W power supply modules for H1 redundant configurations, 80 PLUS* Base-level efficiency
1.7” x 16.93” x 27.95” (43mm x 430mm x 710mm)
System
Order Code1, 2
Components Included
number of Processors
Supported
Processor Support3
Intel® QPI (gT/s)5 /
System Bus Speed (mHz)
Chipset
Total Slots
Slot Types
memory Capacity
Backplane
Integrated lan
Integrated graphics
Server management
Support
Intel® RaID Controller
Compatibility4
form factor
Drive Bays
Thermal Solution
System Cooling
Power Supply
Dimensions (H x W x D)
1
North American power cord included in order codes ending in NA, power cord not included in all other order codes.
2
Out of the box support for the Intel® Xeon® processor 5600 series will be indicated by the addition of the letter “R” at the end of the Product Order Code. For boards and systems currently supporting the Intel® Xeon® processor 5500 series, a BIOS
update is required before installing the Intel Xeon processor 5600 series. Refer to http://support.intel.com for more information.
3
Refer to http://support.intel.com/support/motherboards/server for up-to-date details on processors supported by each server board.
4
Refer to http://support.intel.com/support/motherboards/server/compat_matrix.htm for up-to-date details on RAID controllers supported by each server system.
5
Intel® QPI—Intel® QuickPath Interconnect; GT/s—Gigatransfers per second.
6
When installing two processors, both processors must be from the same processor series—either two Intel® Xeon® processor 5500 series or two Intel® Xeon® processor 5600 series.
7
Intel® Virtualization Technology requires a computer system with an enabled Intel® processor, BIOS, virtual machine monitor (VMM) and, for some uses, certain computer system software enabled for it. Functionality, performance or other benefits will
vary depending on hardware and software configurations and may require a BIOS update. Software applications may not be compatible with all operating systems. Please check with your application vendor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com