Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 14 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 14 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 10Page - Intel Corporation E10GSFPLR Datasheet HTML 11Page - Intel Corporation E10GSFPLR Datasheet HTML 12Page - Intel Corporation E10GSFPLR Datasheet HTML 13Page - Intel Corporation E10GSFPLR Datasheet HTML 14Page - Intel Corporation E10GSFPLR Datasheet HTML 15Page - Intel Corporation E10GSFPLR Datasheet HTML 16Page - Intel Corporation E10GSFPLR Datasheet HTML 17Page - Intel Corporation E10GSFPLR Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14
INtEL® XEON® 5500 AND 5600 SERIES PROCESSORS
NEW
LONG
LIFE
MULTI-CoRE InTEL® XEon® PRoCESSoR 5600 SERIES FoR SERVER / WoRKSTATIon SYSTEMS FEATURInG TWo LGA1366 SoCKETS (thermal solution sold seperately)
MAX.
no. oF
InTEL®
InTEL®
CLoCK
InTEL® QPI1
SHARED
MEMoRY
CoRES /
HYPER-THREADInG
TURBo BooST
PRoCESSoR nAME
PRoDUCT CoDE
SPEED
SPEED
L3 CACHE
SPEED
THREADS
TECHnoLoGY2
TECHnoLoGY3
PoWER
UPC CoDE
Intel® Xeon®
BX80614X5680
3.33 GHz 6.40 GT/s
12 MB
1333 MHz
6 / 12
•
•
130 W
7 35858 21412 4
processor X5680
Intel® Xeon®
AT80614005145AB
3.46 GHz 6.40 GT/s
12 MB
1333 MHz
4 / 8
•
•
130 W
processor X5677
(tray only)
Intel Xeon
BX80614X5670
2.93 GHz 6.40 GT/s
12 MB
1333 MHz
6 / 12
•
•
95 W
7 35858 21413 1
processor X5670
Intel Xeon
AT80614005154AB
3.06 GHz 6.40 GT/s
12 MB
1333 MHz
4 / 8
•
•
95 W
processor X5667
(tray only)
Intel Xeon
BX80614X5660
2.80 GHz 6.40 GT/s
12 MB
1333 MHz
6 / 12
•
•
95 W
7 35858 21414 8
processor X5660
Intel Xeon
BX80614X5650
2.66 GHz 6.40 GT/s
12 MB
1333 MHz
6 / 12
•
•
95 W
7 35858 21415 5
processor X5650
Intel Xeon
BX80614E5640
2.66 GHz 5.86 GT/s
12 MB
1066 MHz
4 / 8
•
•
80 W
7 35858 21416 2
processor E5640
Intel Xeon
BX80614E5630
2.53 GHz 5.86 GT/s
12 MB
1066 MHz
4 / 8
•
•
80 W
7 35858 21417 9
processor E5630
Intel Xeon
BX80614E5620
2.40 GHz 5.86 GT/s
12 MB
1066 MHz
4 / 8
•
•
80 W
7 35858 21418 6
processor E5620
Intel Xeon
BX80614L5640
2.40 GHz 5.86 GT/s
12 MB
1066 MHz
6 / 12
•
•
60 W
7 35858 21411 7
processor L5640
Intel Xeon
BX80614L5630
2.13 GHz 5.86 GT/s
12 MB
1066 MHz
4 / 8
•
•
40 W
7 35858 21419 3
processor L5630
Intel Xeon
AT80614005940AA 1.86 GHz 4.80 GT/s
12 MB
1066 MHz
4 / 4
40 W
processor L5609
(tray only)
3
3
3
3
3
3
3
3
3
3
3
3
Learn more at: www.intel.com/go/serverprocessors
Look for Intel® Server Boards with an “R” in the product order codes to differentiate those that
are shipping with the new BIOS which supports Intel® Xeon® processor 5600 series out of the
box. Existing boards / systems will support Intel Xeon processor 5600 series after BIOS update.
Low-voltage DDR memory and AES-NI will be supported on Intel Server Boards with Intel Xeon processor
5600 series installed.
1 Intel® QPI–Intel® QuickPath Interconnect; GT/s–Gigatransfers per second.
2 Intel® Hyper-Threading Technology requires a computer system with a processor supporting HT Technology and an
HT Technology-enabled chipset, BIOS, and operating system. Performance will vary depending on the specific hardware
and software you use. See www.intel.com/info/hyperthreading for more information.
3 Intel® Turbo Boost Technology requires a PC with a processor with Intel Turbo Boost Technology capability. Intel Turbo
Boost Technology performance varies depending on hardware, software, and overall system configuration. Check with
your PC manufacturer on whether your system delivers Intel Turbo Boost Technology. See www.intel.com/technology/
turboboost for more information.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com