Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 4 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 4 Page - Intel Corporation

  E10GSFPLR Datasheet HTML 1Page - Intel Corporation E10GSFPLR Datasheet HTML 2Page - Intel Corporation E10GSFPLR Datasheet HTML 3Page - Intel Corporation E10GSFPLR Datasheet HTML 4Page - Intel Corporation E10GSFPLR Datasheet HTML 5Page - Intel Corporation E10GSFPLR Datasheet HTML 6Page - Intel Corporation E10GSFPLR Datasheet HTML 7Page - Intel Corporation E10GSFPLR Datasheet HTML 8Page - Intel Corporation E10GSFPLR Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
High-Density, Four Socket
Intel® Xeon® 3400 System
Intel® Server System SR1640TH
A 1U four-node system ideal for entry
HPC and high-density applications that
value compute density, power and
cooling efficiency. Each SR1640TH
system includes two trays with
each tray having two separate
Intel Xeon® 3400 nodes and
a high-efficiency power supply.
Key features include:
• Four nodes each supporting one
Intel® Xeon® 3400 series processor
• Support for 4 ECC UDIMMS or RDIMMS
• Two Silver high-efficiency power supplies
• Four fixed 3.5” SATA drive bays (one for each socket)
• Dual Intel® Gigabit Ethernet for each Intel® Xeon® 3400 Socket
• IPMI 2.0 integrated with optional remote management
System: SR1640THNA (Four heat sinks included)
Remote Management Card: IPMI 2.0 is integrated. Remote management
requires AXXRMM3LITEV
Network Optimized Intel® Xeon® 3400 System
Intel® Server System SR1630HGPRX or SR1630GPRX
Ideal for datacenter environments and
application servers that need higher levels of
integrated gigabit networking without sacri-
ficing storage or additional expansion. The
SR1630GPRX and SR1630HGPRX systems
integrate five Gigabit Ethernet ports and
3.5” hard drive capabilities at a low price.
Key features include:
• Support for one Intel® Xeon® 3400
series processor
• Memory expansion with 6 x RDIMMs or 4 x UDIMMs DDR3 slots
• Five integrated Intel® Gigabit Ethernet ports
• One silver high-efficiency power supply
• Support for two optional Intel® I/O Expansion Modules
• One PCI Express* x8 (gen 2) riser slot
• IPMI 2.0 integrated with optional remote management
• Includes heat sink and rail kit
System: SR1630HGPRXNA (Supports three hot-swap 3.5” SAS/SATA drives)
or SR1630GPRXNA (20” depth supporting 2 fixed 3.5” SAS/SATA drives)
Storage I/o expansion module (choose 1): Add hardware RAID 0/1/5/10
(AXXROMBSASMR) or 4-port SAS support (AXX4SASMOD)
network I/o expansion module (choose 1): Add additional quad-port GbE
(AXX4GBIOMOD2)
Slim-line optical Drive (Choose 1): DVD Slim-line SATA Optical Drive
(AXXSATADVDROM) or DVD +/- RW Slim-line SATA Optical Drive
(AXXSATADVDRWROM)
Remote Management Card: IPMI 2.0 is integrated. Remote management
requires AXXRMM3LITE and utilizes one onboard NIC
NEW
NEW
NEW
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com