Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 39 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 39 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 33Page - Intel Corporation E10GSFPLR Datasheet HTML 34Page - Intel Corporation E10GSFPLR Datasheet HTML 35Page - Intel Corporation E10GSFPLR Datasheet HTML 36Page - Intel Corporation E10GSFPLR Datasheet HTML 37Page - Intel Corporation E10GSFPLR Datasheet HTML 38Page - Intel Corporation E10GSFPLR Datasheet HTML 39Page - Intel Corporation E10GSFPLR Datasheet HTML 40Page - Intel Corporation E10GSFPLR Datasheet HTML 41Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
39
Intel® Solid State Drives
Intel® High Performance SATA
Solid-State Drives (SSDs) are designed
to deliver outstanding performance
and reliability. With no moving parts,
Intel SSDs offer a quiet storage
solution that responds quickly
and uses less power. Compared to
traditional hard disk drives, Intel SSDs
are significantly more responsive,
much more reliable, have lower power
consumption and are completely quiet.
Help remove I/O bottlenecks and lower power consumption in your
customers’ server and high-end workstation applications by using
Intel SSDs. Your customers will get customized solutions that
• Handle more users and respond to
them more quickly
• Have higher overall system reliability
because of fewer drive failures
• Reduce total cost of ownership (TCO)
Learn more at: www.intel.com/go/ssd
Intel® High Performance Solid-State Drives Product Matrix
Product Code
Capacity
Drive Type
Product Dimensions Usage Model
SLC,
2.5" drive,
SSDSA2SH032G101
32GB
50nm
7.0mm thick
Server, storage
SLC,
2.5" drive,
workstation
SSDSA2SH064G101
64GB
50nm
7.0mm thick
MLC,
2.5" drive,
SSDSA2MH080G201
80GB
34nm
7.0mm thick
MLC,
2.5" drive,
SSDSA2MH080G2C1
80GB
34nm
9.5mm thick
SSDSA2MH080G2R5
MLC,
2.5" drive,
(retail box)
80GB
34nm
9.5mm thick
Read-intensive
MLC,
2.5" drive,
server applications
SSDSA2MH160G201
160GB
34nm
7.0mm thick
MLC,
2.5" drive,
SSDSA2MH160G2C1
160GB
34nm
9.5mm thick
SSDSA2MH160G2R5
MLC,
2.5" drive,
(retail box)
160GB
34nm
9.5mm thick
SSDSA2MP040G2R5
MLC,
2.5" drive,
Boot Drive
(retail box)
40GB
34nm
9.5mm thick
NEW
New for 2010:
Intel®X25-V Value
SAtA SSD
Intel® X25-E Extreme SATA Solid-State Drives offer the highest levels of performance
and reliability for servers and high-end workstations.
Intel® X25-M Mainstream SATA Solid-State Drives offer a good, cost-effective solution
for use with read-intensive enterprise applications.
Intel® X25-V SATA Solid-State Drives can be used as a fast, reliable boot drive in a
multi-drive environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com