Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 27 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 27 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 23Page - Intel Corporation E10GSFPLR Datasheet HTML 24Page - Intel Corporation E10GSFPLR Datasheet HTML 25Page - Intel Corporation E10GSFPLR Datasheet HTML 26Page - Intel Corporation E10GSFPLR Datasheet HTML 27Page - Intel Corporation E10GSFPLR Datasheet HTML 28Page - Intel Corporation E10GSFPLR Datasheet HTML 29Page - Intel Corporation E10GSFPLR Datasheet HTML 30Page - Intel Corporation E10GSFPLR Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
27
Intel® Server System SR2612uR
A rack-optimized, highly-integrated server system designed for
applications demanding maximum storage capability, and / or
performance
SR2612uRR
• Intel® Server Board S5520UR
• Intel® Server Chassis with redundant power
supply and specific configuration below:
Expander midplane, PCI Express* riser
with three x8 slots, twelve hard drive carriers
1 to 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5520 Chipset with ICH10R
Up to 3 + Intel® I/O Expansion Module
1 x PCI Express 2.0 x8 via Intel® I/O Expansion Module
3 x full-height PCI Express 2.0 x8
Optional riser: 2 x low-profile PCI Express 2.0 x8
12 x DDR3 memory DIMMs
Hot-swap SAS / SATA backplane
Embedded Intel® Dual-Gigabit Controller 82575EB with Intel®
Virtualization Technology7
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated
to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
IPMI 2.0 onboard with optional Intel® Remote Management Module
(AXXRMM3)
Integrated: Intel® Embedded Server RAID Technology with host-based
software RAID levels 0, 1, and 10 for internal 2.5” boot drives
Also validated with Intel® RAID adapters
2U rack
12 x 3.5” drive bays
2 x 2.5” fixed drive mounts (internal)
2 x passive thermal solutions included
4 x non-redundant fans
Two high-efficiency 760 W power supply modules supporting
redundant 1+1 power configurations, 80 PLUS* Silver-level efficiency
3.44” x 17.23" x 30.75” (87mm x 438mm x 781mm)
Intel® Server System SR1670Hv
A rack-optimized, high-performance server system providing two
dual-socket 12 DIMM nodes in a 1U chassis focused on maximizing
compute density for HPC workloads
SR1670HvR
• Two Intel® Server Boards S5500HV
• Intel® Server Chassis SR1670
• Two 770 W non-redundant power supplies
• Eight 2.5” hard drive carriers
• Hot-swap SATA backplane
• Eight high-speed fans
• Two PCI Express* 2.0 risers
1 to 2 per node (2 to 4 total)
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5500 Chipset with ICH10R
1
1 x low profile, half-length PCI Express 2.0 x16
12 x DDR3 memory DIMMs through 6 memory channels on each node
Hot-swap SATA backplane
Embedded Intel® 82574L PHYs with Intel® I/O Acceleration
Technology
Onboard ASPEED* AST2050 with integrated 2D video controller with
8 MB video memory
IPMI 2.0 Management features
Integrated: Four SATA II ports supporting Intel® Matrix RAID
Technology with software RAID levels 0, 1, 5, and 10 (Windows*
only) and LSI* MegaRAID with software RAID levels 0, 1, and 10
(Windows and Linux*)
1U rack
8 x 2.5” hot-swap drive bays
2 x passive thermal solutions per node (four total) included
8 x non-redundant fans (four per node)
High-efficiency 770 W non-redundant power supply per node (2 total)
80 PLUS* Silver-level efficiency
1.7” x 17.2” x 27” (43mm x 435mm x 685mm)
Intel® Server System SR1680mv
A cable-free, half-width, server system featuring high memory capacity
(36 DDR3 DIMMs) and flexible I/O capability making it ideal for virtual-
ization and a broad range of HPC applications
SR1680mvR
Intel® Server System containing two independent compute and I/O
board pairs, sharing a single high-efficiency 1100 W non-redundant
power supply
• Four 2.5” hard drive carriers (two per node)
• Two hot-swap SATA backplanes (one per node)
• Six high-speed fans (three per node)
• Two PCI Express* 2.0 risers (one per node)
1 to 2 per node (2 to 4 total)
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5500 Chipset with ICH10R
Up to 2 + Intel® I/O Expansion Module
1 x low profile, half-length PCI Express 2.0 x8
1 x PCI Express 2.0 x8 (10 Gbe or QDR Infiniband* options) via Intel®
I/O Expansion Module
18 x DDR3 memory DIMMs through 6 memory channels on each node
Hot-swap SATA backplane
Embedded Intel® Dual-Gigabit Controller 82576EB with Intel®
Virtualization Technology7
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB
allocated to graphics
IPMI 2.0 Management features
Onboard Server Engines* Pilot II* Server Management Controller
Integrated SATA: Intel® Embedded Server RAID Technology with host-
based software RAID levels 0 and 1
1U rack
4 x 2.5” hot-swap drive bays
Optional slim-line optical drive
2 x custom passive thermal solutions per node (four total) included
6 x non-redundant dual-rotor fans (three per node)
High-efficiency 1100 W non-redundant power supply; 80 PLUS*
Gold-level efficiency
1.7” x 17.6” x 28” (43mm x 448mm x 714mm)
System
Order Code1, 2
Components Included
number of Processors
Supported
Processor Support3
Intel® QPI (gT/s)5 /
System Bus Speed (mHz)
Chipset
Total Slots
Slot Types
memory Capacity
Backplane
Integrated lan
Integrated graphics
Server management
Support
Intel® RaID Controller
Compatibility4
form factor
Drive Bays
Thermal Solution
System Cooling
Power Supply
Dimensions (H x W x D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com