Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 12 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 12 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 8Page - Intel Corporation E10GSFPLR Datasheet HTML 9Page - Intel Corporation E10GSFPLR Datasheet HTML 10Page - Intel Corporation E10GSFPLR Datasheet HTML 11Page - Intel Corporation E10GSFPLR Datasheet HTML 12Page - Intel Corporation E10GSFPLR Datasheet HTML 13Page - Intel Corporation E10GSFPLR Datasheet HTML 14Page - Intel Corporation E10GSFPLR Datasheet HTML 15Page - Intel Corporation E10GSFPLR Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
12
Simple, Cost-Effective Server Solution
Intel® Modular Server
Ideal for growing midsize businesses with demanding IT needs and
limited budget. Intel® Modular Server integrates storage, computing, and
networking to simplify complex IT environments. Intel Modular Server is
a business-in-a-box server system that is:
Simple – intuitive, powerful web-based remote management
Flexible – simple configuration, capacity on demand and easy reallocation
of resources
Exceptional Value – lower (TCO) with enterprise-level features not
available in traditional rack or pedestal servers
Key features include:
• 6U rack-mount or pedestal form factor
• Up to 6 server compute modules each supporting up to two
Intel® Xeon® 5600 series processors
• Shared disk storage subsystem
• Fourteen 2.5” SAS or six 3.5” SAS/SATA hard drives
• Additional storage control module offers full redundancy
• Up to two 10-port Gigabit Ethernet switch modules
• N+1 redundant hot swap power subsystem
Included with each system is:
• Intel® Modular Server System
- Intel® Management Module
- Intel® Storage Control
Module
- Intel® 10-port Gigabit
Ethernet Switch
- 2 x Intel® Modular Server
Power Supply
- Hot-swap hard drive carriers
• System Resource CD
- Software, Drivers &
Documentation
• Intel® System Manager Software
Necessary Components
• One or more compute modules (MFS5520VIR)
- One or two Intel® Xeon® 5500 or 5600 series processors
- DDR3 ECC Unbuffered DIMMS or DDR3 Registered DIMMS
Optional Accessories
• Quickly deploy and provision OSes or do backups
with Intel® LUN Copier (MFSLUNCOPY)
• Intel® Modular Server Power Supply (AXXPSU). An optional
third power supply is required to support six compute modules
and a fourth power supply is required for redundancy.
• Add storage controller redundancy with
Intel® Storage Control Module (AXXSCM3S)
• Upgrade the system network capacity by adding a second 10- port
Intel® Gigabit Ethernet Switch (AXXSW1GB). Requires a Gigabit
Ethernet I/O Expansion Mezzanine Card (AXXGBIOMEZV) for each
installed compute module.
• Tool-less Rail kit (AXXMFRAIL)
• Support virtualized environments with Shared LUN Software
Upgrade Key (MFSLUNKEY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com