Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 24 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 24 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 20Page - Intel Corporation E10GSFPLR Datasheet HTML 21Page - Intel Corporation E10GSFPLR Datasheet HTML 22Page - Intel Corporation E10GSFPLR Datasheet HTML 23Page - Intel Corporation E10GSFPLR Datasheet HTML 24Page - Intel Corporation E10GSFPLR Datasheet HTML 25Page - Intel Corporation E10GSFPLR Datasheet HTML 26Page - Intel Corporation E10GSFPLR Datasheet HTML 27Page - Intel Corporation E10GSFPLR Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
24
Intel® Server System SR1630HgP
Flexible high-density server solution for entry-level system infrastructures
SR1630HgP
• Intel® Server Board S3420GPLC
• Intel® Server Chassis with 350 W power supply
• One low-profile PCI Express* riser card
• Slim-line DVD-ROM bay
• Black rail kit
• Pre-routed cables
1
Intel® Xeon® processor 3400 series
Intel® 3420 Chipset
1
1 x PCI Express 2.0 x8
6 x RDIMMs or 4 x UDIMMs DDR3 memory through dual memory channels
Hot-swap SAS / SATA backplane
Embedded Intel® Dual-Gigabit Controllers 82574L and 82578DM
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
IPMI 2.0 onboard
Integrated SATA: Intel® Embedded Server RAID Technology with host-based software RAID levels 0, 1,
and 10
Integrated SATA: Intel® Matrix Storage Technology with host-based software RAID levels 0, 1, 5, and 10
1U Rack
3 x hot-swap 3.5” SATA (3.0 Gb/s) HDDs
1 x fixed slim-line DVD-ROM
1 x UP passive thermal solution included
2 x fixed cooling blowers with duct
350 W non-redundant
1.7” x 16.9” x 25.51” (43mm x 430mm x 648mm)
Intel® Server System SR1630HgPRX
Flexible high-density server solution for entry-level system infrastructures
SR1630HgPRX
• Intel® Server Board S3420GPRX
• Intel® Server Chassis with 350 W 80 PLUS* Silver-level power supply
• One low-profile PCI Express* riser card
• Slim-line DVD-ROM bay
• Black rail kit
• Pre-routed cables
1
Intel® Xeon® processor 3400 series
Intel® 3420 Chipset
1
1 x PCI Express 2.0 x8
1 x PCI Express 2.0 x8 (GbE and SAS options) via Intel® I/O Expansion Module
6 x RDIMMs or 4 x UDIMMs DDR3 memory through dual memory channels
Hot-swap SAS / SATA backplane
Embedded 5-port Intel® Gigabit Controllers (one for 82574L and four for 82576EB)
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
IPMI 2.0 onboard with optional Intel® Remote Management Module 3 Lite (AXXRMM3LITE)
Integrated SATA: Intel® Embedded Server RAID Technology with host-based software RAID levels 0, 1,
and 10
Integrated SATA: Intel® Matrix Storage Technology with host-based software RAID levels 0, 1, 5, and 10
Optional SAS: Intel® Integrated Server RAID system boards with RAID 0, 1, 1E, 5, and 6 plus spans
10, 50, and 60
1U Rack
3 x hot-swap 3.5” SATA (3.0 Gb/s) HDDs
1 x fixed slim-line DVD-ROM
1 x UP passive thermal solution included
3 x fixed cooling blowers with duct
350 W non-redundant; 80 PLUS* Silver-level efficiency
1.7” x 16.9” x 25.51” (43mm x 430mm x 648mm)
System
Order Code1, 2
Components Included
number of Processors
Supported
Processor Support3
Chipset
Total Slots
Slot Types
memory Capacity
Backplane
Integrated lan
Integrated graphics
Server management
Support
Intel® RaID Controller
Compatibility4
form factor
Drive Bays
Thermal Solution
System Cooling
Power Supply
Dimensions (H x W x D)
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com