Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 34 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 34 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 30Page - Intel Corporation E10GSFPLR Datasheet HTML 31Page - Intel Corporation E10GSFPLR Datasheet HTML 32Page - Intel Corporation E10GSFPLR Datasheet HTML 33Page - Intel Corporation E10GSFPLR Datasheet HTML 34Page - Intel Corporation E10GSFPLR Datasheet HTML 35Page - Intel Corporation E10GSFPLR Datasheet HTML 36Page - Intel Corporation E10GSFPLR Datasheet HTML 37Page - Intel Corporation E10GSFPLR Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
34
Intel® RaID Controller
RS2Bl040
Mainstream 6G SAS RAID controller
with four internal ports for SAS / SATA
drives
RS2Bl040
aXXRSBBu7 (Optional Intel® RAID
Smart Battery)
lSI* SaS2108
512 MB embedded DDR2 ECC memory
PCI Express* 2.0 x8
4 internal SAS / SATA ports supporting
point-to-point 6.0 Gb/s and 3.0 Gb/s
data-transfer rates
Low-profile, 6.6” length (MD2 compliant)
0, 1, 5, 6, 10, 50, and 60
Yes (optional – purchased separately)
Now
Intel® RaID Controller
RS2WC080
Entry-level 6G SAS RAID controller
with eight internal ports for SAS / SATA
drives
RS2WC080
lSI* SaS2008
2 MB for entry-level hardware RAID
calculations
PCI Express* 2.0 x8
8 internal SAS / SATA ports supporting
point-to-point 6.0 Gb/s and 3.0 Gb/s
data-transfer rates
Low-profile, 6.6” length (MD2 compliant)
0, 1, 5, 10, and 50
No
Now
Intel® RaID Controller
RS2WC040
Entry-level 6G SAS RAID controller
with four internal ports for SAS / SATA
drives
RS2WC040
lSI* SaS2008
2 MB for entry-level hardware RAID
calculations
PCI Express* 2.0 x8
4 internal SAS / SATA ports supporting
point-to-point 6.0 Gb/s and 3.0 Gb/s
data-transfer rates
Low-profile, 6.6” length (MD2 compliant)
0, 1, 5, 10, and 50
No
Now
Intel® Integrated RaID module
SROmBSaSmR
Four-port internal RAID module for 1U,
2U, and pedestal use with Intel® Server
Boards S5520HC and S5500WB
aXXROmBSaSmR
aXXRSBBu3 (Optional Intel® RAID
Smart Battery)
lSI* 1078
Embedded 128 MB ECC DDR2 SDRAM
PCI Express* x8
4 internal SAS / SATA ports supporting
point-to-point 3.0 Gb/s data-transfer
rates
1U capable system board
0, 1, 5, 6, 10, 50, and 60
Yes (optional – purchased separately)
Now
Controller
Order Code
Processor / RaID On Chip
memory
PCI Bus
Channels
form factor
RaID levels
Battery Backup
availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com