Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 5 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 5 Page - Intel Corporation

  E10GSFPLR Datasheet HTML 1Page - Intel Corporation E10GSFPLR Datasheet HTML 2Page - Intel Corporation E10GSFPLR Datasheet HTML 3Page - Intel Corporation E10GSFPLR Datasheet HTML 4Page - Intel Corporation E10GSFPLR Datasheet HTML 5Page - Intel Corporation E10GSFPLR Datasheet HTML 6Page - Intel Corporation E10GSFPLR Datasheet HTML 7Page - Intel Corporation E10GSFPLR Datasheet HTML 8Page - Intel Corporation E10GSFPLR Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
High-Efficiency Redundant
AC/DC Power for Datacenters
Intel® Server System SR1695WB
An energy optimized 1U rack server system
designed to support either AC or DC power
with optional support for redundant power.
Room for expansion with support for
four 3.5” SAS/SATA hard drives and
the Intel® I/O Expansion module.
Key features include:
• Support for two Intel® Xeon® 5600
series processors
• Redundant AC or DC power support
• One PCIe x8 (gen 2) riser slot
• I/O Expansion Module support
• Four hot-swap 2.5” or 3.5” SAS/SATA drives with
optional upgrade to hardware RAID 0/1/5/6/10/50/60
• IPMI 2.0 with remote management option
System: SR1695WBDCNA (for DC power) or SR1695WBACNA (for AC power)
Hot-swap, redundant power: Requires optional second power supply
ASR1695PSDC (for DC Power) or ASR1695PSAC (For AC power)
RAID Upgrade or I/o expansion module (choose 1): Intel® RAID Controller
(AXXROMBSASMR), Quad-port GbE (AXX4GBIOMOD2) or Dual CX4-port
10GbE (AXX10GBIOMOD)
Remote Management Card: IPMI 2.0 is integrated. Remote management
requires Intel® Remote Management Module 3 (AXXRMM3).
Slim-line optical Drive (Choose 1): DVD Slim-line SATA Optical Drive
(AXXSATADVDROM) or DVD +/- RW Slim-line SATA Optical Drive
(AXXSATADVDRWROM)
Coming in June
NEW
Actual product will
vary from image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com