Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 20 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 20 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 16Page - Intel Corporation E10GSFPLR Datasheet HTML 17Page - Intel Corporation E10GSFPLR Datasheet HTML 18Page - Intel Corporation E10GSFPLR Datasheet HTML 19Page - Intel Corporation E10GSFPLR Datasheet HTML 20Page - Intel Corporation E10GSFPLR Datasheet HTML 21Page - Intel Corporation E10GSFPLR Datasheet HTML 22Page - Intel Corporation E10GSFPLR Datasheet HTML 23Page - Intel Corporation E10GSFPLR Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
20
Intel® Server Board S5520uR
Highly integrated, rack-optimized server board for enterprise data
centers and high-performance computing
BB5520uRR (OEM 10-pack) / S5520uRT (TPM-enabled option)
Intel® Server System SR1600UR family
Intel® Server System SR1625UR family
Intel® Server System SR2600UR family
Intel® Server System SR2625UR family
Intel® Xeon® processor 5500 or 5600 series4
1 or 2
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5520 Chipset with ICH10R
1U: 1
2U: up to 5
Plus proprietary I/O module and Midplane2 connection
1U: 1 x PCI Express* 2.0 x16 (x16 mechanical via riser)
2U: Options vary by system
3 x full-height PCI Express 2.0 x8 (passive riser)
3 x full-height PCI Express 2.0 x8, 2 x low-profile PCI Express 2.0 x8
3 x full-height PCI-X 133 MHz
2 x full-height PCI-X 133 MHz, 1 x full-height and 2 x low-profile
PCI Express 2.0 x8
Optional 1 x PCI Express 2.0 x8 via Intel® I/O Expansion Module
Optional 1 x PCI Express x4 via bridge board connector on Midplane2
12 x DDR3 memory DIMM slots through 6 memory channels
6-port SATA (3.0 Gb/s) via ICH10R
Optional SAS / SATA RAID solution via Intel® Integrated Server RAID
system boards
Embedded Intel® Dual-Gigabit Controller 82575EB with Intel®
Virtualization Technology5
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB
allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
Integrated baseboard management controller with IPMI 2.0 support,
Intel® Intelligent Power Node Manager and option for KVM and virtual
media redirection with dedicated NIC via Intel® Remote Management
Module (AXXRMM3)
Includes SATA RAID with Intel® Embedded Server RAID Technology
providing host-based RAID 0, 1, and 10
Optional host-based RAID 5 with activation key AXXRAKSW5
Optional SAS RAID with Intel® Integrated RAID module AXXROMBSASMR
providing RAID 0, 1, 5, and 6 and spans 10, 50, and 60
Compatible with Intel® RAID Controller add-in cards
3 year limited warranty
Intel® Server Board S5500WB
A rack-optimized server board, purpose-built for high energy efficiency
and lowest total cost of ownership in dense computing applications
S5500WBR or S5500WBR12v
Intel® Server System SR1690WB
Intel® Server System SR1695WB
Intel® Xeon® processor 5500 or 5600 series4
1 or 2
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5500 Chipset with ICH10R
Up to 2, plus 1 via Intel® I/O Expansion Module (chassis dependent)
1 x PCI Express* 2.0 x8 in slot 6 (x16 mechanical)
1 x PCI Express 2.0 x4 in slot 1 (x8 mechanical)
1 x PCI Express 2.0 x8 (GbE, 10 GbE, SAS, and InfiniBand* options)
via Intel® I/O Expansion Module
8 x DDR3 memory DIMM slots through 6 memory channels
6-ports SATA (3.0 Gb/s) via ICH10R
Optional via Intel® I/O Expansion Modules: 4-port internal SAS, 4-port
internal SAS hardware RAID
Embedded Intel® Dual-Gigabit Controller 82576EB with Intel®
Virtualization Technology5
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB
allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
Support for the new simplified Data Center Management Interface
(DCMI), IPMI 2.0, and Intel® Intelligent Power Node Manager
Optional Intel® Remote Management Module (AXXRMM3)
Includes SATA RAID with Intel® Embedded Server RAID Technology
providing host-based RAID 0, 1, and 10
Optional host-based RAID 5 with activation key AXXRAKSW5
Optional SAS RAID with Intel® Integrated RAID module AXXROMBSASMR
providing RAID 0, 1, 5, and 6 and spans 10, 50, and 60
Compatible with Intel® RAID Controller add-in cards
3 year limited warranty
Intel® Server Board S5520HC
A pedestal-optimized server board designed with world-class
performance, scalable management, and maximum expandability
for small and medium business applications
S5520HCR / S5520HCT (TPM-enabled option)
Intel® Server Chassis SC5600 family
Intel® Server Chassis SC5650 family
Intel® Server System SC5650HCBRP
Intel® Xeon® processor 5500 or 5600 series4
1 or 2
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5520 Chipset with ICH10R
6
1 x PCI Express* 2.0 x8 (x16 mechanical)
3 x PCI Express 2.0 x8 (x8 mechanical)
1 x PCI Express 2.0 x4 (x8 mechanical shared with Intel® 4-port SAS
I/O module)
1 x PCI 32-bit / 33 MHz (5 V)
12 x DDR3 memory DIMMs through 6 memory channels
6-port SATA (3.0 Gb/s) via ICH10R
Optional SAS or SAS RAID solutions via Intel® I/O Expansion Modules
Embedded Intel® Dual-Gigabit Controller 82575EB with Intel®
Virtualization Technology5
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated
to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
Integrated baseboard management controller with IPMI 2.0 support,
Intel® Intelligent Power Node Manager and option for KVM and virtual
media redirection with dedicated NIC via Intel® Remote Management
Module (AXXRMM3)
Includes SATA RAID with Intel® Embedded Server RAID Technology
providing host-based RAID 0, 1, and 10
Optional host-based RAID 5 with activation key AXXRAKSW5
Optional SAS RAID with Intel® Integrated RAID module AXXROMBSASMR
providing RAID 0, 1, 5, and 6 and spans 10, 50, and 60
Compatible with Intel® RAID Controller add-in cards
3 year limited warranty
Boards
Order Code1
Intel® Server
Chassis Support
Processor Support2
number of Processors
Supported
Intel® QuickPath
Interconnect (gT/s)3
Chipset
Total Slots
Slot Types
memory Capacity
Integrated Serial aTa
SaS Option
Integrated lan
Integrated graphics
System management
Software
Server management
Support
Intel® RaID Support
Warranty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com