Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 22 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 22 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 18Page - Intel Corporation E10GSFPLR Datasheet HTML 19Page - Intel Corporation E10GSFPLR Datasheet HTML 20Page - Intel Corporation E10GSFPLR Datasheet HTML 21Page - Intel Corporation E10GSFPLR Datasheet HTML 22Page - Intel Corporation E10GSFPLR Datasheet HTML 23Page - Intel Corporation E10GSFPLR Datasheet HTML 24Page - Intel Corporation E10GSFPLR Datasheet HTML 25Page - Intel Corporation E10GSFPLR Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
22
1
Out of the box support for the Intel® Xeon® processor 3600 or 5600 series will be indicated by the addition of the letter “R”
at the end of the Product Order Code. For boards and systems currently supporting the Intel® Xeon® processor 3500 or 5500
series, a BIOS update is required before installing the Intel Xeon processor 3600 or 5600 series. Refer to http://support.intel.
com for more information.
2
Refer to http://support.intel.com/support/motherboards/server for up-to-date details on processors supported by each server
board.
3
GT/s—Gigatransfers per second.
4
When installing two processors, both processors must be from the same processor series—either two Intel® Xeon® processor
5500 series or two Intel® Xeon® processor 5600 series.
5
Intel® Virtualization Technology requires a computer system with an enabled Intel® processor, BIOS, virtual machine monitor
(VMM) and, for some uses, certain computer system software enabled for it. Functionality, performance, or other benefits will
vary depending on hardware and software configurations and may require a BIOS update. Software applications may not be
compatible with all operating systems. Please check with your application vendor.
Intel® Workstation Board S5520SC
A workstation-optimized board designed with world-class performance and flexible expandability for
graphics-intensive applications
S5520SCR
Intel® Server Chassis SC5600BASE
Intel® Server Chassis SC5650WS
Intel® Server System SC5650SCWS
Intel® Xeon® processor 5500 or 5600 series4
1 or 2
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5520 Chipset with ICH10R
5
2 x PCI Express* 2.0 x16 (x16 mechanical)
1 x PCI Express 2.0 x4 (x8 mechanical shared with Intel® 4-port SAS I/O module)
1 x PCI Express x1 (x4 mechanical)
1 x PCI 32-bit / 33 MHz (5 V)
12 x DDR3 memory DIMMs through 6 memory channels
6-port SATA (3.0 Gb/s) via ICH10R
Optional SAS or SAS RAID solutions via Intel® I/O Expansion Modules
Embedded Intel® Dual-Gigabit Controller 82575EB with Intel® Virtualization Technology5
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
Integrated baseboard management controller with IPMI 2.0 support and option for KVM and virtual media
redirection with dedicated NIC via Intel® Remote Management Module (AXXRMM3)
Includes SATA RAID with Intel® Embedded Server RAID Technology providing host-based RAID 0, 1, and 10
Optional host-based RAID 5 with activation key AXXRAKSW5
Optional SAS RAID with Intel® Integrated RAID module AXXROMBSASMR providing RAID 0, 1, 5, and 6 and
spans 10, 50, and 60
Compatible with Intel® RAID Controller add-in cards
3 year limited warranty
Intel® Workstation Board WX58BP
Entry-level workstation board supports ECC memory
WX58BP
N/A
Intel® Xeon® processor 3500 or 3600 series
1
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® X58 Express Chipset
6
2 x PCI Express* 2.0 x16 (supports ATI CrossFire*)
1 x PCI Express 2.0 x4
2 x PCI Express x1
1 x PCI 32-bit / 33 MHz
4 DIMM slots for DDR3 1333 / 1066
Unbuffered ECC / non-ECC DIMMs (16 GB max) via 3 channels
6-port SATA (3.0 Gb/s)
N/A
1 x Intel® Gigabit Ethernet Controller
N/A
N/A
N/A
Includes SATA RAID support using Intel® Matrix RAID 0, 1, 5, and 10
Compatible with Intel® RAID Controller add-in cards
3 year limited warranty
Boards
Order Code1
Intel® Server
Chassis Support
Processor Support2
number of Processors
Supported
Intel® QuickPath
Interconnect (gT/s)3
Chipset
Total Slots
Slot Types
memory Capacity
Integrated Serial aTa
SaS Option
Integrated lan
Integrated graphics
System management
Software
Server management
Support
Intel® RaID Support
Warranty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com