Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 2 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 2 Page - Intel Corporation

  E10GSFPLR Datasheet HTML 1Page - Intel Corporation E10GSFPLR Datasheet HTML 2Page - Intel Corporation E10GSFPLR Datasheet HTML 3Page - Intel Corporation E10GSFPLR Datasheet HTML 4Page - Intel Corporation E10GSFPLR Datasheet HTML 5Page - Intel Corporation E10GSFPLR Datasheet HTML 6Page - Intel Corporation E10GSFPLR Datasheet HTML 7Page - Intel Corporation E10GSFPLR Datasheet HTML 8Page - Intel Corporation E10GSFPLR Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Intel® Server
System or Chassis
80 PLUS*
Additional Features
SR1630BC
Bronze
High-efficiency power supply unit (PSU)
Low Voltage DDR3 (LVDDR3) memory support
SC5650UP
Bronze
Quiet system design
Supports low-voltage Intel® Xeon® processor 3400 SKUs
SR1630HGPRX/
SR1630GPRX
Silver
Five Gigabit Ethernet ports and support for 2 Intel® I/O
Expansion Modules
SR1640TH
Silver
Four Intel® Xeon® 3400 series processors
in a 1U system
SR1670HV
Silver
Separate high-efficiency 770-watt PSU for each node
LVDDR3 memory support
Intel® Server
System or Chassis
80 PLUS*
Additional Features
SR1690WB
Silver
Various SKUs available with fixed or hot-swap PSUs
LVDDR3 memory support
SR2612UR
Silver
760W ENERGY STAR*- compliant redundant hot-swap PSUs
LVDDR3 memory support
SC5650BRP
Silver
PMBus-compliant 600W redundant PSU
LVDDR3 memory support
SR1680MV
Gold
Single high-efficiency 1100-watt PSU
supports both nodes independently
LVDDR3 memory support
SR2600UR/
SR2625UR
Gold
Intel® On Demand Redundant Power Technology
LVDDR3 memory support
Building and Sustaining
Ecological Leadership
with Intel® Server Boards,
Chassis and Systems
Intel recognizes that industry leadership
requires true innovation to help define the
future in as many ways as possible.
Development of “eco-smart” computing
technologies that help customers conserve
energy is a key component of Intel’s efforts to
mitigate climate and environmental change.
Intel® server boards and systems are
designed to deliver industry leading
energy efficiency for reduced power
and cooling costs.
CoMInG Soon
Intel® On-Demand Redundant Power
Technology, a new patent-pending
technology on Intel Server Systems
of the SR2600 and SR2625 family.
on-Demand Redundant Power
Technology moves the full power load
to the active power supply, while
powering down the second power
supply. This saves up to 14 watts
while still providing redundant power
should the first power supply fail.
Intel on-Demand Redundant Power
Technology enables redundancy when
you need it, saves power when you don’t.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com