Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 40 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 40 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 33Page - Intel Corporation E10GSFPLR Datasheet HTML 34Page - Intel Corporation E10GSFPLR Datasheet HTML 35Page - Intel Corporation E10GSFPLR Datasheet HTML 36Page - Intel Corporation E10GSFPLR Datasheet HTML 37Page - Intel Corporation E10GSFPLR Datasheet HTML 38Page - Intel Corporation E10GSFPLR Datasheet HTML 39Page - Intel Corporation E10GSFPLR Datasheet HTML 40Page - Intel Corporation E10GSFPLR Datasheet HTML 41Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
40
Intel® ethernet Key Features
Intel® virtualization technology for
Connectivity (vt-c)
Is an important component of the Intel®
Virtualization Technology IA platform solution
across processor, chipset, and networking.
• Intel’s virtualization Machine device
Queues (vMdq) Offloads the data sorting
from the hypervisor to the network silicon
which improves I/O performance to deliver
near line rate throughput and lower
CPU utilization.
• Sr-IOv is a PCI SIG standard that creates
virtual functions for direct assignment to a
virtual machine using VT-d thereby reducing
I/O overhead, adding throughput security, and
achieving near native performance.
Security
• linkSec is a link layer (layer 2) Linux-based
protocol and provides hop-by-hop security
by providing authentication and encryption
of data.
• Ipsec is implemented in the IP stacks of
several OSs—Intel is focusing on Windows
2008. It is an IETF standard security frame-
work that prescribes protocols for the
protection of IP traffic between two nodes.
Unified networking
• iSCSI Acceleration uses native OS iSCSI which
requires no proprietary hardware or software
for iSCSI LAN and SAN connections
• iSCSI remote Boot allows administrators to
configure servers to use a boot image rather
than re-imaging these servers
• Open FCoe supports iSCSI, NAS and LAN
traffic across a single10 Gigabit connection
reducing management and infrastructure
costs. Intel’s FCoE initiators available early
Q2’2010.
Intel® Ethernet Server Adapters for Intel® Server Products
Intel® ethernet Gigabit products
Intel® ethernet 10 Gigabit products
Available in single, dual, and quad port for multiport virtualization,
redundancy and business continuity. Intel® Ethernet products have been
tested and validated on Intel® Xeon® 5400, 5500, 5600-based Intel Server
Boards and Systems. Intel® Gigabit family offers both copper and fiber
server adapters with virtualization and iSCSI support.
Available for bandwidth-hungry and mission-critical applications. Intel®
82598 and Intel 82599 based adapters have been tested and validated
on Intel® Xeon® 5400, 5500, 5600-based Intel Server Boards and Systems.
The X520 family has flexibility built in with single and dual port options as
well as pluggable optics and fiber and copper SKUs.
part numbers
Intel® Gigabit et dual and Quad port
Server Adapters
part number
Intel® Server Adapter X520-dA2
E1G42ET
E1G44ET
Dual speed: 1000BASE-T and 100BASE-T at a
distance up to 100m with security features on
the highest performing 1GbE Server Adapters
Intel offers today.
E10G42BTDA
SFP+ Direct Attach copper twin axial connec-
tions up to 10m, ideal for connections between
servers and top-of-rack switches. SFP+ SR
and LR optics can be purchased separately
and plugged in as well.
part number
Intel® Gigabit eF Server Adapter
part numbers
Intel® Server Adapter X520-Sr1, Sr2
E1G42EF
Dual Port Fiber with optimized virtualization
and security features for fiber connections
up to 275m.
E10G41BFSR
E10G42BFSR
These 10GbE fiber adapters consolidate
network infrastructure in unified LAN and
storage networks, while offering pluggable
optics and new lower pricing.
part number
Intel® ethernet Server Adapter I340-t4
part number
Intel® 10 Gigabit At2 Server Adapter
E1G44HT
Intel’s first halogen-free adapter provides the
lowest cost and power of the Gigabit adapters,
while supporting virtualization and iSCSI in
unified networking environments.
E10G41AT2
Designed for multi-core processors and
optimized for virtualization, this 10GbE copper
adapter is ideal for backbone connections using
standards-based 10GBase-T for up to 100m.
part numbers
Intel® ethernet SFp+ Sr & lr Optics
E10GSFPSR
E10GSFPLR
• Hot-pluggable SFP+ footprint
• Supports rate selectable 1.25 Gb/s or 9.95
to 10.3 Gb/3 bit rates
Learn more at: www.intel.com/go/ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com