Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 19 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 19 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 15Page - Intel Corporation E10GSFPLR Datasheet HTML 16Page - Intel Corporation E10GSFPLR Datasheet HTML 17Page - Intel Corporation E10GSFPLR Datasheet HTML 18Page - Intel Corporation E10GSFPLR Datasheet HTML 19Page - Intel Corporation E10GSFPLR Datasheet HTML 20Page - Intel Corporation E10GSFPLR Datasheet HTML 21Page - Intel Corporation E10GSFPLR Datasheet HTML 22Page - Intel Corporation E10GSFPLR Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
19
Intel® entry Server Board S3420gPRX
High-efficiency server board for rack optimization
S3420gPRX
Intel® Server System SR1630GPRX
Intel® Server System SR1630HGPRX
Intel® Xeon® processor 3400 series
1
Intel® 3420 Chipset
1
1 x PCI Express* 2.0 x8 (x16 mechanical)
1 x Mezzanine connector—internal SAS module
2 x Mezzanine connector—external I/O module (GbE and SAS)
6 x RDIMMs or 4 x UDIMMs DDR3 memory through dual memory channels (32 GB max for RDIMM and
16 GB max for UDIMM)
6-port SATA (3.0 Gb/s)
Optional SAS or SAS RAID solutions via Intel® I/O Expansion Modules
Embedded Intel® 5 ports Gigabit Controllers (one for 82574L and four for 82576EB)
Optional Quad or Dual GbE solution via Intel® I/O Expansion Modules
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
Intel® Remote Management Module 3 Lite (AXXRMM3LITE)
Integrated baseboard management controller with IPMI 2.0 support and option for KVM and virtual media
redirection with dedicated NIC via 82574L (RMM3 Lite required)
Integrated SAS / SATA: Intel® Embedded Server RAID Technology with host-based software RAID levels
0, 1, and 10
Intel® Rapid Storage Technology with host-based software RAID levels 0, 1, 5, and 10
3 year limited warranty
Intel® entry Server Board S3420gPv
Essential server features for entry-level applications
S3420gPv
Intel® Server Chassis SC5650UP
Intel® Xeon® processor 3400 series
1
Intel® 3420 Chipset
4
1 x PCI Express* 2.0 x8 (x16 mechanical)
1 x PCI Express 2.0 x8 (x8 mechanical)
1 x PCI Express x4 (x8 mechanical)
1 x PCI 32-bit / 33 MHz (5 V)
4 x UDIMMs DDR3 memory through dual memory channels (16 GB max for UDIMM)
6-port SATA (3.0 Gb/s)
N/A
Embedded Intel® Dual-Gigabit Controllers 82574L and 82578DM
Onboard graphic controller (SM712)
Intel® System Management Software 3.x
Intel® Deployment Assistant
N/A
Intel® Matrix Storage Technology with host-based software RAID levels 0, 1, 5, and 10
3 year limited warranty
Boards
Order Code1
Intel® Server
Chassis Support
Processor Support2
number of Processors
Supported
Chipset
Total Slots
Slot Types
memory Capacity
Integrated Serial aTa
SaS Option
Integrated lan
Integrated graphics
System management
Software
Server management
Support
Intel® RaID Support
Warranty
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com