Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 26 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 26 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 22Page - Intel Corporation E10GSFPLR Datasheet HTML 23Page - Intel Corporation E10GSFPLR Datasheet HTML 24Page - Intel Corporation E10GSFPLR Datasheet HTML 25Page - Intel Corporation E10GSFPLR Datasheet HTML 26Page - Intel Corporation E10GSFPLR Datasheet HTML 27Page - Intel Corporation E10GSFPLR Datasheet HTML 28Page - Intel Corporation E10GSFPLR Datasheet HTML 29Page - Intel Corporation E10GSFPLR Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
26
Intel® Server System SR1690WB
An energy-optimized 1U rack server system designed to meet your
general purpose high-density needs
SR1690WBR
• Intel® Server Board S5500WB
• Intel® Server Chassis SR1690
• 650 W non-redundant power supply
• Four 3.5” hard drive carriers
• Hot-swap SAS / SATA backplane
• Four high-speed fans
• One PCI Express* 2.0 riser
1 to 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5500 Chipset with ICH10R
N/A
Up to 2 + Intel® I/O Expansion Module
1 x full-height PCI Express 2.0 x16
1 x PCI Express 2.0 x8 (GbE, 10 GbE, SAS, and InfiniBand* options)
via Intel® I/O Expansion Module
8 x DDR3 memory DIMMs through 6 memory channels
Hot-swap SAS / SATA backplane
Embedded Intel® Dual-Gigabit Controller 82576EB with Intel®
Virtualization Technology7
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated
to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
IPMI 2.0 onboard with optional Intel® Remote Management Module
(AXXRMM3)
Integrated SATA: Intel® Embedded Server RAID Technology with host-
based software RAID levels 0, 1, and 10
Optional software RAID 5 with activation key
1U rack
4 x 3.5” hot-swap drive bays
Configurable to support 1 x 2.5” hot-swap drive in each bay
2 x passive thermal solutions included
4 x non-redundant fans
High-efficiency 650 W non-redundant power supply with PMBus
capability; 80 PLUS* Sliver-level efficiency
1.7” x 17” x 26” (43mm x 432mm x 659mm)
Intel® Server System SR1695WB
An energy-optimized 1U rack server system featuring AC or DC PSU
redundancy; designed to meet your high RAS and general purpose
high-density needs
SR1695WB
• Intel® Server Board S5500WB
• Intel® Server Chassis SR1695 with one AC or DC redundant capable
450 W high-efficiency power supply
• Four 3.5” hard drive carriers
• Hot-swap SAS / SATA backplane
• Four high-speed fans
• One PCI Express* 2.0 riser
1 to 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5500 Chipset with ICH10R
N/A
Up to 2 + Intel® I/O Expansion Module
1 x full-height PCI Express 2.0 x16
1 x PCI Express 2.0 x8 (GbE, 10 GbE, SAS, and InfiniBand* options)
via Intel® I/O Expansion Module
8 x DDR3 memory DIMMs through 6 memory channels
Hot-swap SAS / SATA backplane
Embedded Intel® Dual-Gigabit Controller 82576EB with Intel®
Virtualization Technology7
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB
allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
IPMI 2.0 onboard with optional Intel® Remote Management Module
(AXXRMM3)
Integrated SATA: Intel® Embedded Server RAID Technology with host-
based software RAID levels 0, 1, and 10
Optional software RAID 5 with activation key
1U rack
4 x 3.5” hot-swap drive bays
Configurable to support 1 x 2.5” hot-swap drive in each bay
2 x passive thermal solutions included
4 x non-redundant fans
Up to two high-efficiency 450-watt (AC or DC) power supply modules
supporting 1+0 or redundant 1+1 power configurations
(Systems ship with 1 power supply; customer required to purchase
second PSU module for 1+1 redundancy)
1.7” x 17” x 26” (43mm x 432mm x 659mm)
Intel® Server System SR1630BC
An entry-level family of rack-optimized server systems designed for
business-class performance and quality for small- to medium-sized
business applications
SR1630BCR
• Intel® Server Board S5500BC (SATA)
• Intel® Server Chassis SR1630
• 400 W non-redundant high-efficiency power supply
• One low-profile PCI Express* riser card
• Slim-line CD-ROM bay
• Basic rail kit
• Pre-routed cables
1 to 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5500 Chipset with ICH10R
N/A
1
1 x low-profile, half-length PCI Express 2.0 x8 via riser
8 x DDR3 memory DIMMs through 4 memory channels
Embedded Intel® Dual-Gigabit Controllers 82574L and 82567LM
N/A
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB
allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
IPMI 2.0 onboard
Integrated: Intel® Embedded Server RAID Technology with software
RAID levels 0, 1, and 10
Optional software RAID 5 with activation key
1U rack
2 x fixed 3.5” SATA HDDs
Optional slim-line optical drive
N/A (Uses 1U passive thermal solution: BXSTS100P)
2 x fixed cooling blowers with duct
400 W high-efficiency non-redundant power supply,
80 PLUS* Bronze-level efficiency
1.7” x 16.9” x 20” (43mm x 429mm x 508mm)
System
Order Code1, 2
Components Included
number of Processors
Supported
Processor Support3
Intel® QPI (gT/s)5 /
System Bus Speed (mHz)
Chipset
PCI Buses
Total Slots
Slot Types
memory Capacity
Backplane
Integrated lan
Integrated graphics
Server management
Support
Intel® RaID Controller
Compatibility4
form factor
Drive Bays
Thermal Solution
System Cooling
Power Supply
Dimensions (H x W x D)
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com