Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 8 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 8 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 4Page - Intel Corporation E10GSFPLR Datasheet HTML 5Page - Intel Corporation E10GSFPLR Datasheet HTML 6Page - Intel Corporation E10GSFPLR Datasheet HTML 7Page - Intel Corporation E10GSFPLR Datasheet HTML 8Page - Intel Corporation E10GSFPLR Datasheet HTML 9Page - Intel Corporation E10GSFPLR Datasheet HTML 10Page - Intel Corporation E10GSFPLR Datasheet HTML 11Page - Intel Corporation E10GSFPLR Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
Key features include:
• Support for two
Intel® Xeon® 5600 series processors
• One PCIe x8 (gen 2) riser slot
• I/O Expansion Module support
• Four hot-swap 2.5” or 3.5” SAS or
SATA drives with optional upgrade
to hardware RAID 0/1/5/6/10/50/60
• High-efficiency (Silver) power supply
System: SR1690WBRNA
RAID Upgrade or I/o expansion module (choose 1): Intel® RAID
Controller (AXXROMBSASMR), Quad-port GbE (AXX4GBIOMOD2),
Dual CX4-port 10GbE (AXX10GBIOMOD)
Remote Management Card: IPMI 2.0 is integrated. Remote management
requires Intel® Remote Management Module 3 (AXXRMM3).
Slimline optical Drive (Choose 1): DVD Slimline SATA Optical Drive
(AXXSATADVDROM) or DVD +/- RW Slimline SATA Optical Drive
(AXXSATADVDRWROM)
1U Four-Drive System
Intel® Server System SR1690WB
Ideal for customers needing the storage
capacity offered by four 3.5” SAS/SATA
hard drives in a 1U system. Add data
protection with hardware RAID 5 using the
Intel® RAID Controller AXXROMBSASMR
without consuming the riser slot.
Optional RAID I/O Module
(AXXROMBSASMR)
Create a complete storage solution using the validated and certified software
applications available through the Intel® ESAA program. With software from
leading vendors such as Open E, Symantec and many other ISVs, it’s easier to
provide the backup and storage solutions your customers need.
Maximum Hard Drive Capacity
in a 2U System
Intel® Server System SR2612UR
Ideal for applications where high disk drive
counts enable higher-performance or
additional storage capacity. The twelve
3.5” hot-swap drives support either
SAS or SATA drives. The expander
backplane allows the drives to be
controlled by one Intel® RAID Card.
Key features include:
• Support for two Intel® Xeon® 5600 series processors
• Up to 12 SAS/SATA hot-swap drives
• Hot-swap, high-efficiency power supplies (Both power supplies included)
• Standard Riser supports three PCIe x8 (gen 2). Upgradable to five PCIe
x8 (gen 2) or two PCI-X and one PCIe x8 (gen 2) with optional riser cards
• Hardware RAID 0/1/5/6/10/50/60 using
Intel® I/O Expansion Module (AXXROMBSASMR)
• Support for slim-line USB optical drives
at the rear of system
System: SR2612URRNA (Includes server board,
riser with 3 PCIe x8 (gen 2) slots, 2 hot-swap
redundant power supplies and two heat sinks)
RAID Upgrade: Requires AXXROMBSASMR for SAS and hardware
RAID 0/1/5/6/10/50/60. Optional battery backup with AXXBBU3
Management: IPMI 2.0 is integrated. Remote management
requires AXXRMM3
Slimline optical Drive (Choose 1): DVD Slimline SATA Optical Drive
(AXXSATADVDROM) or DVD +/- RW Slimline SATA Optical Drive
(AXXSATADVDRWROM)
Optional RAID I/O Module
(AXXROMBSASMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com