Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 6 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 6 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 2Page - Intel Corporation E10GSFPLR Datasheet HTML 3Page - Intel Corporation E10GSFPLR Datasheet HTML 4Page - Intel Corporation E10GSFPLR Datasheet HTML 5Page - Intel Corporation E10GSFPLR Datasheet HTML 6Page - Intel Corporation E10GSFPLR Datasheet HTML 7Page - Intel Corporation E10GSFPLR Datasheet HTML 8Page - Intel Corporation E10GSFPLR Datasheet HTML 9Page - Intel Corporation E10GSFPLR Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Expandable 2U System for High Reliability
Intel® Server System SR2600URLX
A full-featured, expandable system, the
Intel® Server System SR2600URLX
is ideal for datacenter and rack
environments that need
expansion and reliability.
Energy Efficient 1U System
Intel® Server System SR1690WB
Realize power savings of up to 30% at the
wall (up to $224 over the life of the server).
This system is ideal for businesses or
datacenters looking for a capable, efficient
1U rack server.
Key features include:
• Support for two Intel® Xeon®
5600 series processors
• One PCIe x8 (gen 2) riser slot
• I/O Expansion Module support
• Four hot-swap 2.5” or 3.5” SAS or
SATA drives with optional upgrade to
hardware RAID 0/1/5/6/10/50/60
• High-efficiency power supply
System: SR1690WBRNA
RAID Upgrade or I/o expansion module (choose 1): Intel® RAID
Controller (AXXROMBSASMR), Quad-port GbE (AXX4GBIOMOD2),
Dual CX4-port 10GbE (AXX10GBIOMOD)
Remote Management Card: IPMI 2.0 is integrated. Remote
management requires Intel® Remote Management Module 3
(AXXRMM3)
Optional RAID I/O Module
(AXXROMBSASMR)
6
Actual product will
vary from image
Key features include:
• Support for two Intel® Xeon®
5600 series processors
• Hot-swap, redundant fans included
• Hot-swap power supplies (requires optional second power supply)
• Up to 6 SAS/SATA hot-swap drives with ASR2500SIXDRV kit
and optional upgrade to hardware RAID 0/1/5/6/10/50/60
• Standard Riser supports three PCIe x8 (gen 2). Upgradable to five PCIe
x8 (gen 2) or two PCI-X and one PCIe x8 (gen 2) with optional riser cards
• I/O Expansion Module support
System: SR2600URLXRNA
RAID Upgrade: Requires optional AXXRAKSAS2 &
AXXMINIDIMM512. Battery backup with AXXBBU3
I/o expansion module (choose 1): Quad-port
GbE (AXX4GBIOMOD2), Dual CX4-port 10GbE
(AXX10GBIOMOD), external 4-port SAS (AXXSASIOMOD)
Hot-swap, redundant power: Requires optional second power supply
AXX750WPSCR
Management: IPMI 2.0 is integrated. Remote management requires
Intel® Remote Management Module 3 (AXXRMM3)
Rail Kit: AXXHERAIL2
Slimline optical Drive (Choose 1): DVD Slimline SATA Optical Drive
(AXXSATADVDROM) or DVD +/- RW Slimline SATA Optical Drive
(AXXSATADVDRWROM)
Coming soon:
Intel® on-Demand
Redundant Power
Technology
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com