Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 17 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 17 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 13Page - Intel Corporation E10GSFPLR Datasheet HTML 14Page - Intel Corporation E10GSFPLR Datasheet HTML 15Page - Intel Corporation E10GSFPLR Datasheet HTML 16Page - Intel Corporation E10GSFPLR Datasheet HTML 17Page - Intel Corporation E10GSFPLR Datasheet HTML 18Page - Intel Corporation E10GSFPLR Datasheet HTML 19Page - Intel Corporation E10GSFPLR Datasheet HTML 20Page - Intel Corporation E10GSFPLR Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
17
InTEL® SERVER BoARD S5500BC
Note 1: Ideal configurations may vary by application and memory configuration is subject to change and any time, without notice. More information
on supported memory configurations is available at www.intel.com
Note 2: Assumes a system with both processors populated
Note 3: Intel® Server System SR1690WB , SR1695WB, and Intel® Server Board S5500WB only support 8 DIMMs and S5500HCV only supports 9 DIMMs.
Note 4: W5590 and W5580 are supported on the Intel® Workstation Board S5520SC.
4GB
4x 1GB Unbuffered DDR3 ECC
1333 MHz
8GB
4x 2GB DDR3 Unbuffered ECC
1333 MHz
16GB
4x 4GB DDR3 Registered ECC
1333MHz, Single- / Dual-Rank
or
8x 2GB DDR3 Unbuffered EC
1333 MHz C
32GB
4x 8GB DDR3 Registered ECC
1333MHz - Single- / Dual-Rank
or
8x 4GB DDR3 Registered ECC
1333 MHz
Recommended Intel® Xeon® 5500 and 5600 Series Processor Memory Configurations
InTEL® SERVER BoARDS S5520HC, S5520SC, S5520UR, S5500WB, S5500HV, InTEL® SERVER SYSTEMS In THE SR1670HV, SR1680MV, SR1690WB, SR1695WB, SR1600UR, SR1625UR,
SR2600UR, SR2612UR AnD SR2625UR FAMILIES, AnD CoMPUTE MoDULES (MFS5520VI) (NOTES 1 AND 2)
6GB
6x 1GB DDR3 Unbuffered ECC
1333 MHz
12GB
6x 2GB DDR3 Unbuffered ECC
1333 MHz
24GB
6x 4GB DDR3 Registered ECC
1333 MHz, Single- or Dual-Rank
or
12x 2GB DDR3 Unbuffered ECC
1333 MHz (Note 3)
48GB
6x 8GB DDR3 Registered ECC
1333 MHz, Single- / Dual-Rank
or
12x 4GB DDR3 Registered ECC
1 (Note 3)
Choose the Right Heat Sink for Intel® Xeon® 5500 and 5600 Series Processor Servers
one heat sink required for
each processor
SC5650 (DPnA, BRPnA,
WSnA) and SC5600
(BASEnA, BRPnA)
Families
S5500WB Server Board
and SR1630BCnA Servers
Intel® Xeon® Processor X5570, X5560,
X5550 , X5650, X5660, X5667, X5670
Intel® Xeon® Processor E5540, E5530,
L5530 ,L5520, E5520, L5506, E5506,
E5504, E5502 , L5609, L5630, L5640,
E5620, E5630, E5640
BXSTS100C
BXSTS100A or BXSTS100C
System includes BXSTS100P heat sinks.
BXSTS100P
BXSTS100P
Intel® Xeon® Processor W5590, W5580,
X5677 and X5680
BXSTS100C (Note 1)
SC5600LXnA
FXXRGTHS
FXXRGTHS
5500 Series not supported. Consult
www.intel.com for 5600 Series support.
SR1600UR, SR1625UR, SR1670HV,
SR1680MV, SR1690WB,
SR2600UR, SR2625UR and
compute modules MFS5520VI
System includes BXSTS100P heat sinks.
5500 Series not supported. Consult
www.intel.com for 5600 Series support.
Not Supported
Note 1: Intel® Xeon® Processor W5590 and W5580 are only supported in Intel® Workstation Board S5520SCR in Intel® Workstation Chassis SC5650WSNA.
Note 2: Intel® Server System SR2612UR includes two heat sinks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com