Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 31 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 31 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 27Page - Intel Corporation E10GSFPLR Datasheet HTML 28Page - Intel Corporation E10GSFPLR Datasheet HTML 29Page - Intel Corporation E10GSFPLR Datasheet HTML 30Page - Intel Corporation E10GSFPLR Datasheet HTML 31Page - Intel Corporation E10GSFPLR Datasheet HTML 32Page - Intel Corporation E10GSFPLR Datasheet HTML 33Page - Intel Corporation E10GSFPLR Datasheet HTML 34Page - Intel Corporation E10GSFPLR Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
31
Base
SC5650DP
Maintenance kit: FPPTPMKIT
Pedestal, convertible to 6U Rack
Intel® Server Boards S5500BC,
S5520HC, and S5500HCv
Support for up to six 3.5" fixed or hot-swap
SAS/SATA drives
Up to six hot-swap drive bays via the following
hot-swap disk drive bay upgrade kits:
6-drive SAS/SATA—AXX6DRV3GR
6-drive SAS/SATA Expander—
AXX6DRV3GEXP
3 x non-redundant cooling fans (1 x 120mm
chassis fan, 1 x 120mm PCI fan, 1 x 92mm
drive bay fan)
Non-redundant 600 W PFC power supply
with integrated cooling fan
Installation and removal of fans, fixed and
hot-swap hard drives, fixed and hot-swap
drive bays, PCI cards, hot-swap PSU modules,
fixed PSU, floppy drives, and CD / DVD ROM
drives
Pedestal: 17.8" x 9.256" x 19"
(452mm x 235mm x 483mm)
Rack: 9.256" x 17.6" x 19"
(235mm x 447mm x 483mm)
Black, control panel controls and indicators,
two half-height 5.25" peripheral drive bays,
internal hard drive bay cage (behind door),
security lock, USB ports
2 x USB
BRP
SC5650BRP
Maintenance kit: FPPTPMKIT
Pedestal, convertible to 6U Rack
Intel® Server Boards S5500BC,
S5520HC, and S5500HCv
Support for up to six 3.5" fixed or hot-swap
SAS/SATA drives
Up to six hot-swap drive bays via the following
hot-swap disk drive bay upgrade kits:
6-drive SAS/SATA—AXX6DRV3GR
6-drive SAS/SATA Expander—
AXX6DRV3GEXP
3 x non-redundant cooling fans (1 x 120mm
chassis fan, 1 x 120mm PCI fan, 1 x 92mm
drive bay fan)
Redundant 1+0 high-efficiency 600 W PFC
power supply with integrated cooling fan
One additional 600 W PSU can be added for
redundancy
Installation and removal of fans, fixed and
hot-swap hard drives, fixed and hot-swap
drive bays, PCI cards, hot-swap PSU modules,
fixed PSU, floppy drives, and CD / DVD ROM
drives
Pedestal: 17.8" x 9.256" x 19"
(452mm x 235mm x 483mm)
Rack: 9.256" x 17.6" x 19"
(235mm x 447mm x 483mm)
Black, control panel controls and indicators,
two half-height 5.25" peripheral drive bays,
internal hard drive bay cage (behind door),
security lock, USB ports
2 x USB
WS
SC5650WS
Maintenance kit: FPPTPMKIT
Pedestal, convertible to 6U Rack
Intel® Workstation Board S5520SC
Support for up to six 3.5" fixed or hot-swap
SAS/SATA drives
Up to six hot-swap drive bays via the following
hot-swap disk drive bay upgrade kits:
6-drive SAS/SATA—AXX6DRV3GR
6-drive SAS/SATA Expander—
AXX6DRV3GEXP
3 x non-redundant cooling fans (1 x 120mm
chassis fan, 1 x 120mm PCI fan, 1 x 92mm
drive bay fan)
Non-redundant 1000 W high-efficiency PFC
power supply with integrated cooling fan
Installation and removal of fans, fixed and
hot-swap hard drives, fixed and hot-swap
drive bays, PCI cards, hot-swap PSU modules,
fixed PSU, floppy drives, and CD / DVD ROM
drives
Pedestal: 17.8" x 9.256" x 19"
(452mm x 235mm x 483mm)
Rack: 9.256" x 17.6" x 19"
(235mm x 447mm x 483mm)
Black, control panel controls and indicators,
two half-height 5.25" peripheral drive bays,
internal hard drive bay cage (behind door),
security lock, USB ports
2 x USB
UP
SC5650uP
Maintenance kit: FPPTUPPMKIT
Pedestal, convertible to 6U Rack
Intel® Server Boards S3420gPlX,
S3420gPlC, and S3420gPv
Support for up to six 3.5" fixed or hot-swap
SAS/SATA drives
Up to six hot-swap drive bays via the following
hot-swap disk drive bay upgrade kits:
6-drive SAS/SATA—AXX6DRV3GR
6-drive SAS/SATA Expander—
AXX6DRV3GEXP
2 x non-redundant cooling fans (1 x 120mm
chassis fan, 1 x 92mm drive bay fan)
Non-redundant 400 W high-efficiency PFC
power supply with integrated cooling fan
Installation and removal of fans, fixed and
hot-swap hard drives, fixed and hot-swap
drive bays, PCI cards, fixed PSU, floppy
drives, and CD / DVD ROM drives
Pedestal: 17.8" x 9.256" x 19"
(452mm x 235mm x 483mm)
Rack: 9.256" x 17.6" x 19"
(235mm x 447mm x 483mm)
Black, control panel controls and indicators,
two half-height 5.25" peripheral drive bays,
internal hard drive bay cage (behind door),
security lock, USB ports
2 x USB
Chassis
Configuration
Chassis Order Code1
Spares kit Order Code
form factor
Intel® Server Board
Support2
Drive Bays
Hot-Swap Disk Drive
Bay: Order Code
System Cooling
Power Supply
Tool-less features
Dimensions (H x W x D)
Bezel features
front Connectors
Intel® Server Chassis SC5650
A cost-effective entry-level chassis designed for reliable operation for small business servers and workstation environments
1
North American power cord included in order codes ending in NA; power cord not included in all other order codes.
2
Refer to http://support.intel.com/support/motherboards/server for up-to-date details on server boards supported by each chassis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com