Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 15 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 15 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 11Page - Intel Corporation E10GSFPLR Datasheet HTML 12Page - Intel Corporation E10GSFPLR Datasheet HTML 13Page - Intel Corporation E10GSFPLR Datasheet HTML 14Page - Intel Corporation E10GSFPLR Datasheet HTML 15Page - Intel Corporation E10GSFPLR Datasheet HTML 16Page - Intel Corporation E10GSFPLR Datasheet HTML 17Page - Intel Corporation E10GSFPLR Datasheet HTML 18Page - Intel Corporation E10GSFPLR Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
15
NEW
LONG
LIFE
MULTI-CoRE InTEL® XEon® PRoCESSoR 5500 SERIES FoR SERVER / WoRKSTATIon SYSTEMS FEATURInG TWo LGA1366 SoCKETS (thermal solution sold seperately)
Intel® Xeon®
BX80602E5540
2.53 GHz 5.86 GT/s
8 MB
1066 MHz
4 / 8
•
•
80 W
7 35858 20572 6
processor E5540
Intel Xeon
BX80602E5530
2.40 GHz 5.86 GT/s
8 MB
1066 MHz
4 / 8
•
•
80 W
7 35858 20573 3
processor E5530
Intel Xeon
BX80602L5530
2.40 GHz 5.86 GT/s
8 MB
1066 MHz
4 / 8
•
•
60 W
7 35858 20996 0
processor L5530
Intel Xeon
BX80602E5520
2.26 GHz 5.86 GT/s
8 MB
1066 MHz
4 / 8
•
•
80 W
7 35858 20574 0
processor E5520
Intel Xeon
BX80602L5520
2.26 GHz 5.86 GT/s
8 MB
1066 MHz
4 / 8
•
•
60 W
7 35858 20575 7
processor L5520
Intel Xeon
BX80602E5507
2.26 GHz 4.80 GT/s
4 MB
800 MHz
4 / 4
80 W
7 35858 21389 9
processor E5507
Intel Xeon
BX80602E5506
2.13 GHz 4.80 GT/s
4 MB
800 MHz
4 / 4
80 W
7 35858 20576 4
processor E5506
Intel Xeon
BX80602L5506
2.13 GHz 4.80 GT/s
4 MB
800 MHz
4 / 4
60 W
7 35858 20579 5
processor L5506
Intel Xeon
BX80602E5504
2 GHz
4.80 GT/s
4 MB
800 MHz
4 / 4
80 W
7 35858 20577 1
processor E5504
Intel Xeon
BX80602E5503
2 GHz
4.80 GT/s
4 MB
800 MHz
2 / 2
80 W
7 35858 21390 5
processor E5503
Intel Xeon
BX80602E5502
1.86 GHz 4.80 GT/s
4 MB
800 MHz
2 / 2
80 W
7 35858 20578 8
processor E5502
3
3
MAX.
no. oF
InTEL®
InTEL®
CLoCK
InTEL® QPI1
SHARED
MEMoRY
CoRES /
HYPER-THREADInG
TURBo BooST
PRoCESSoR nAME
PRoDUCT CoDE
SPEED
SPEED
L3 CACHE
SPEED
THREADS
TECHnoLoGY2
TECHnoLoGY3
PoWER
UPC CoDE
Intel® Xeon®
BX80602W5590
3.33 GHz 6.40 GT/s
8 MB
1333 MHz
4 / 8
•
•
130 W
7 35858 20995 3
processor W5590
Intel Xeon
BX80602W5580
3.20 GHz 6.40 GT/s
8 MB
1333 MHz
4 / 8
•
•
130 W
7 35858 20568 9
processor W5580
Intel Xeon
BX80602X5570
2.93 GHz 6.40 GT/s
8 MB
1333 MHz
4 / 8
•
•
95 W
7 35858 20569 6
processor X5570
Intel Xeon
BX80602X5560
2.80 GHz 6.40 GT/s
8 MB
1333 MHz
4 / 8
•
•
95 W
7 35858 20570 2
processor X5560
Intel Xeon
BX80602X5550
2.66 GHz 6.40 GT/s
8 MB
1333 MHz
4 / 8
•
•
95 W
7 35858 20571 9
processor X5550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com