Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 9 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 9 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 5Page - Intel Corporation E10GSFPLR Datasheet HTML 6Page - Intel Corporation E10GSFPLR Datasheet HTML 7Page - Intel Corporation E10GSFPLR Datasheet HTML 8Page - Intel Corporation E10GSFPLR Datasheet HTML 9Page - Intel Corporation E10GSFPLR Datasheet HTML 10Page - Intel Corporation E10GSFPLR Datasheet HTML 11Page - Intel Corporation E10GSFPLR Datasheet HTML 12Page - Intel Corporation E10GSFPLR Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9
Reliable and Expandable
Dual-Socket Pedestal Server
Intel® Server Board S5520HC
and Intel® Server Chassis SC5650BRP
Designed for reliability
and expandability, the
Intel® Server Board S5520HC
and SC5650BRP is ideal for
applications such as database,
e-mail, storage, and virtualization
in small and medium business
environments.
Key features include:
• Support for two Intel® Xeon® 5600 series processors
• 6 PCIe and PCI expansion slots
• Mezzanine module upgrades for SAS or SAS RAID
• Upgradeable to six 3.5” hot-swap SAS/SATA drives
• Hot-swap, redundant, high-efficiency power supplies
Board: S5520HCR
Chassis: SC5650BRPNA
Hot-swap, redundant power: Requires optional second power supply
(APPT600WHPSU)
Storage Upgrades: Six hot-swap SAS/SATA drive bays (AXX6DRV3GEXP
and APP3HSDBKIT) and Intel® RAID Controller AXXROMBSASMR for
hardware RAID 0/1/5/6/10/50/60. Optional Intel® RAID Smart Battery
AXXRSBBU3
Remote Management Card: IPMI 2.0 is integrated. Remote management
requires Intel® Remote Management Module 3 (AXXRMM3)
Cost-Effective Dual-Socket
Pedestal Server
Intel® Server Board S5500BC
and Intel® Server Chassis SC5650DP
Ideal for small and medium
businesses needing a
cost-effective, dual-socket
pedestal server for e-mail,
file, print and basic business
support applications.
Key features include:
• Support for two Intel® Xeon® 5600 series processors
• Upgradeable to six 3.5” hot-swap SAS/SATA drives
• Small form factor is ideal for office environments
• Integrated IPMI 2.0 with remote management upgrades
Board:
S5500BCR
Chassis:
SC5650DPNA
Storage Upgrades: Six hot-swap SAS/SATA drive bays with
(AXX6DRV3GR and APPTHSDBKIT) and Intel® RAID Controller
SRCSASBB8I with 8 SAS ports for hardware RAID 0/1/5/6/10/50/60
Remote Management Card: IPMI 2.0 is integrated. Remote management
requires Intel® Remote Management Module 3 (AXXRMM3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com