Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 25 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 25 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 21Page - Intel Corporation E10GSFPLR Datasheet HTML 22Page - Intel Corporation E10GSFPLR Datasheet HTML 23Page - Intel Corporation E10GSFPLR Datasheet HTML 24Page - Intel Corporation E10GSFPLR Datasheet HTML 25Page - Intel Corporation E10GSFPLR Datasheet HTML 26Page - Intel Corporation E10GSFPLR Datasheet HTML 27Page - Intel Corporation E10GSFPLR Datasheet HTML 28Page - Intel Corporation E10GSFPLR Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
25
System
Order Code1, 2
Components Included
number of Processors
Supported
Processor Support3
Intel® QPI (gT/s)5 /
System Bus Speed (mHz)
Chipset
Total Slots
Slot Types
memory Capacity
Integrated SCSI
Integrated lan
Integrated graphics
Server management
Support
Intel® RaID Controller
Compatibility4
form factor
Drive Bays
System Cooling
Power Supply
Dimensions (H x W x D)
Intel® Server System SC5650HCBRP
High-reliability and expandable integrated dual-socket pedestal server
SC5650HCBRPR
• Intel® Server Board S5520HC
• Intel® Server Chassis SC5650BRP
• Backplane with SAS expander (AXX6DRV3GEXP) supports up
to six 3.5” hot-swap hard drives
• Two data cables for hard drive backplane
• One SATA data cable for optical drive
• One IPMB cable for hard drive backplane
• Cabled front panel with front panel cable, chassis intrusion cable,
and front panel USB cable
• One SATA device power adapter cable
1 or 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5520 Chipset with ICH10R
6
4 x PCI Express* 2.0 x8 (x8 mechanical)
1 x PCI Express 1.0 x4 (x8 mechanical shared with optional SAS
module)
1 x PCI 32 / 33 MHz (5 V)
12 x DDR3 memory DIMMs through 6 memory channels
N/A
Embedded Intel Dual Gigabit Controller 82575EB with Intel®
Virtualization Technology7
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB
allocated to graphics
Integrated IPMI 2.0 baseboard management controller
Power management with Intel® Intelligent Power Node Manager
Optional Intel® Remote Management Module (RMM3)
Integrated Intel® Embedded Server RAID Technology II with host-
based SW RAID levels 0, 1, and 10
Optional SW RAID 5 with activation key
Optional Intel® SAS Entry RAID Module AXX4SASMOD with RAID 0, 1,
1E, or Intel® Integrated RAID Module SROMBSASMR with RAID 0, 1, 5,
6, and striping capability for spans 10, 50, and 60
5.2U pedestal, convertible to 6U rack
6 x 3.5” hot-swap SAS / SATA drive bays
Supports 2.5” hot-swap SAS, SATA, or Solid-State Drive with optional
2.5” hard drive carrier accessory
3 x non-redundant fans
600 W high-efficiency, 1+0 redundant power supply
17.8” x 9.256” x 19” (452mm x 235mm x 483mm)
Intel® Server System SC5650BCDP
Integrated, cost-effective dual-socket pedestal server
SC5650BCDPR
• Intel® Server Board S5500BC
• Intel® Server Chassis SC5650DP
• Fixed hard drive cage supports up to six 3.5" hard drives, support
for six hot-swap hard drives with optional backplane kit
• Four SATA data cables for hard drives and optical drives
1 or 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5500 Chipset with ICH10R
5
2 x half-length PCI Express* 2.0 x8 (x8 mechanical)
1 x half-length PCI Express 2.0 x4 (x8 mechanical)
1 x half-length PCI Express x4
1 x half-length PCI 32 / 33 MHz (5 V)
8 x DDR3 memory DIMMs through 4 memory channels
N/A
Embedded Intel® Dual-Gigabit Controllers 82574L and 82567LM
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB
allocated to graphics
Integrated IPMI 2.0 baseboard management controller
Power management with Intel® Intelligent Power Node Manager
Optional Intel® Remote Management Module (RMM3)
Integrated Intel® Embedded Server RAID Technology II with host-
based SW RAID levels 0, 1, and 10
Optional SW RAID 5 with activation key
Optional Intel® SAS Entry RAID Module AXX4SASMOD with RAID 0, 1,
1E, or Intel® Integrated RAID Module SROMBSASMR with RAID 0, 1, 5,
6, and striping capability for spans 10, 50, and 60
5.2U pedestal, convertible to 6U rack
6 x 3.5” hot-swap SAS / SATA drive bays
Supports 2.5” hot-swap SAS, SATA, or Solid-State Drive with optional
2.5” hard drive carrier accessory
3 x non-redundant fans
600 W non-redundant power supply
17.8” x 9.256” x 19” (452mm x 235mm x 483mm)
Intel® Workstation System SC5650SCWS
Integrated, high-performance dual-socket workstation
SC5650SCWSR
• Intel® Workstation Board S5520SC
• Intel® Workstation Chassis SC5650WS
• Fixed hard drive cage supports up to six 3.5" hard drives, support
for six hot-swap hard drives with optional backplane kit
• Four SATA data cables for hard drives and optical drives
• Cabled front panel with front panel cable, chassis intrusion cable,
and front panel USB cable
• One SATA device power adapter cable
1 or 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5520 Chipset with ICH10R
5
2 x PCI Express* 2.0 x16 (x16 mechanical)
1 x PCI Express 1.0 x4 (x8 mechanical shared with optional SAS module)
1 x PCI Express 1.0 x1 (x4 mechanical)
1 x PCI 32 / 33 MHz (5 V)
12 x DDR3 memory DIMMs through 6 memory channels
N/A
Embedded Intel® Dual Gigabit Controller 82575EB with Intel®
Virtualization Technology7
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB
allocated to graphics
Integrated IPMI 2.0 baseboard management controller
Power management with Intel® Intelligent Power Node Manager
Optional Intel® Remote Management Module (RMM3)
Integrated Intel® Embedded Server RAID Technology II with host-
based SW RAID levels 0, 1, and 10
Optional SW RAID 5 with activation key
Optional Intel® SAS Entry RAID Module AXX4SASMOD with RAID 0, 1,
1E, or Intel® Integrated RAID Module SROMBSASMR with RAID 0, 1, 5,
6, and striping capability for spans 10, 50, and 60
5.2U pedestal, convertible to 6U rack
6 x 3.5” hot-swap SAS / SATA drive bays
Supports 2.5” hot-swap SAS, SATA, or Solid-State Drive with optional
2.5” hard drive carrier accessory
3 x non-redundant fans
Non-redundant 1000 W high-efficiency PFC power supply with
integrated cooling fan
17.8” x 9.256” x 19” (452mm x 235mm x 483mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com